Electronic Components Datasheet Search
  English  ▼

X  

LSH14 Datasheet(PDF) 1 Page - saftbatteries

Part # LSH14
Description  3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LSH14 Datasheet(HTML) 1 Page - saftbatteries

  LSH14 Datasheet HTML 1Page - saftbatteries LSH14 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
q
High voltage response, stable during
most of the lifetime of the application
q
High drain/pulse capability
q
Wide operating temperature range
(- 60°C/85°C)
q
Easy integration in compact system
q
Low self-discharge rate
(less than 3 % after 1 year of storage
at + 20°C)
Key features
q
Stainless steel container
q
Hermetic glass-to-metal sealing
q
Built-in safety vent
q
Finish with 5 A fuse
q
Non-flammable electrolyte
q
Underwriters Laboratories (UL)
Component Recognition
(File Number MH 12609)
q
Compliant with IEC 60086-4
q
Restricted for transport (Class 9)
Main applications
q
Radiocommunication and other
military applications
q
Alarms and security systems
q
Beacons and emergency location
transmitters
q
GPS
q
Metering systems
q
Sonobuoys
q
Automotive telematics
q
Pipeline inspection
NATO stock number
6135 12 306 4125
Cell size references
UM2 – R14 – C
Primary lithium battery
LSH 14
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
High power
C-size spiral cell
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
5.8 Ah
(at 15 mA + 20°C 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage
(at + 20°C)
3.67 V
Nominal voltage
(at 1mA + 20°C)
3.6 V
Pulse capability: Typically up to 2000 mA
(2000 mA/0.1 second pulses, drained every 2 mn at + 20°C from
undischarged cells with 10 µA base current, yield voltage readings above
3.0 V. The readings may vary according to the pulse characteristics, the
temperature, and the cell's previous history. Fitting the cell with a capacitor
may be recommended in severe conditions. Consult Saft)
Maximum recommended continuous current
1300 mA
(to maintain cell heating within safe limits. Battery packs may imply lower
level of maximum current and may request specific thermal protection.
Consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation at extreme T may lead to reduced capacity and lower voltage
(- 76°F/+ 185°F)
readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
26.0 mm (1.02 in)
Height (max)
50.4 mm (1.98 in)
Typical weight
51 g (1.8 oz)
Li metal content
approx. 1.7 g
Available termination suffix
CN, CNR
radial tabs
3PF, 3 PF RP
radial pins
CNA (AX)
axial leads
FL
flying leads ...etc.
June 2007


Similar Part No. - LSH14

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LSH1000 LUXPIA-LSH1000 Datasheet
593Kb / 15P
Soldering methods
logo
Rohm
LSH1004-AB10A ROHM-LSH1004-AB10A Datasheet
170Kb / 5P
Multi line sensor heads for narrow-width scanners
LSH1004-AB10A ROHM-LSH1004-AB10A_11 Datasheet
905Kb / 5P
Contact Image Sensor Heads for narrow-width scanners
logo
Micro Commercial Compon...
LSH11 MCC-LSH11 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
LSH12 MCC-LSH12 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
More results

Similar Description - LSH14

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LSH20HTS SAFT-LSH20HTS Datasheet
513Kb / 2P
3.6 V Primary lithium-thionyl chloride High power and super robust D-size spiral cell
LSH20-150 SAFT-LSH20-150 Datasheet
441Kb / 2P
3.6 V Primary lithium-thionyl chloride D-sized cell for operation up to 150째C in demanding environments
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com