Electronic Components Datasheet Search
  English  ▼

X  

LS26500 Datasheet(PDF) 2 Page - saftbatteries

Part # LS26500
Description  3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS26500 Datasheet(HTML) 2 Page - saftbatteries

  LS26500 Datasheet HTML 1Page - saftbatteries LS26500 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Storage
l
The storage area should be clean,
cool (preferably not exceeding
+ 30°C), dry and ventilated.
Warning
l
Fire, explosion and severe burn
hazard.
l
Do not recharge, short circuit,
crush, disassemble, heat above
100°C (212°F), incinerate,
or expose contents to water.
l
Do not solder directly to the cell
(use tabbed cell versions instead).
Doc. No 31016-2-0510
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc No 31048-2.
Photo credit: Saft
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced by Arthur Associates Limited.
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel.: +33 (0)1 49 93 19 18
Fax : +33 (0)1 49 93 19 69
www.saftbatteries.com
LS 26500
1
10
100
1000
+ 70ºC
+ 20ºC
- 20ºC
- 40ºC
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
10000
100000
3.9
3.7
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
7.0
6.0
5.0
4.0
3.0
2.0
1.0
+ 70ºC
+ 20ºC
- 20ºC
- 40ºC
1
10
100
1000
+ 70ºC
+ 20ºC
- 20ºC
- 40ºC
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
10000
100000
3.9
3.7
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
7.0
6.0
5.0
4.0
3.0
2.0
1.0
+ 70ºC
+ 20ºC
- 20ºC
- 40ºC
1
10
100
1000
+ 70ºC
+ 20ºC
- 20ºC
- 40ºC
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
10000
100000
3.9
3.7
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
7.0
6.0
5.0
4.0
3.0
2.0
1.0
+ 70ºC
+ 20ºC
- 20ºC
- 40ºC
Dimensions in mm.
Ø 25.8
± 0.2
2.0
± 0.2
49.8
± 0.6
0.4
Ø 6.0
± 0.1
(on flat surface)
Ø 18.0
± 0.2
(on flat surface)
Ø 25.8
± 0.2
Ø 13.4
± 0.2
(on flat surface)
Ø 18.0
± 0.2
(on flat surface)
0.8
± 0.2
0.4
48.7
± 0.5
Finished version with
protruding positive end cap
Current (mA)
Time (hours)
Current (mA)
Restored Capacity versus Current and Temperature (2.0 V cut-off)
Typical discharge profiles at + 20°C
Voltage plateau versus Current and Temperature (at mid-discharge)
Finished version with
flat positive end cap



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com