Electronic Components Datasheet Search
  English  ▼

X  

AS188-92 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS188-92
Description  PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS188-92 Datasheet(HTML) 2 Page - Alpha Industries

  AS188-92 Datasheet HTML 1Page - Alpha Industries AS188-92 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC–2 GHz
AS188-92
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/00A
CBL
CBL
V1
J1
V2
J2
GND
J3
CBL
VS
10 k
Ω
Pin Out
V1
V2
J1–J2
J1–J3
0VHigh
Isolation
Insertion Loss
VHigh
0
Insertion Loss
Isolation
Truth Table
VHigh = +3 to +5 V (VS = VHigh ± 0.2 V).
DC blocking capacitors (CBL) must be supplied externally.
CBL = 100 pF for operating frequency >500 MHz.
Typical Performance Data (0, +3 V)
Insertion Loss vs. Frequency
Frequency (GHz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
VSWR vs. Frequency
Frequency (GHz)
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
0.0
0.5
1.0
1.5
2.0
2.5
Isolation vs. Frequency
Frequency (GHz)
10
15
20
25
30
35
40
45
0.0
0.5
1.0
1.5
2.0
2.5
Characteristic
Value
RF Input Power
6 W Max. > 900 MHz
0/+7 V Control
Control Voltage
-0.2 V, +7 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com