Electronic Components Datasheet Search
  English  ▼

X  

G062 Datasheet(PDF) 2 Page - saftbatteries

Part # G062
Description  3.0 V Primary lithium-sulfur dioxide High drain capability AA- size spiral cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

G062 Datasheet(HTML) 2 Page - saftbatteries

  G062 Datasheet HTML 1Page - saftbatteries G062 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time (hours)
Typical discharge profiles at +20ºC
Temperature (°C)
Voltage at mid-discharge versus Current and Temperature (2.0 V cut-off)
Temperature (°C)
Capacity versus Current and Temperature (continuous discharges 2.0 V cut-off)
G 06/2
50.3
max
Ø 14.2
max
Ø 3.0 max
Overall dimensions in mm
Handling precautions
• Cell is pressurised.
• Do not puncture, open
or mutilate.
• Do not obstruct the safety vent
mechanism.
• Do not short circuit or charge.
• Do not expose to fire
or temperatures above + 70°C
(+158°F).
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel +33 (0)1 49 93 19 18
Fax +33 (0)1 49 93 19 69
River Drive, South Shields
Tyne and Wear, NE33 2TR - UK
Tel +44 (0)191 456 14 51
Fax +44 (0)191 456 63 83
www.saftbatteries.com
Doc. N° 31060-2-1005
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc N° 31048-2.
Published by the Communications Department.
Photo credit: Saft.
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced by Arthur Associates.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com