Electronic Components Datasheet Search
  English  ▼

X  

IXDN514D1 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDN514D1
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN514D1 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDN514D1 Datasheet HTML 4Page - IXYS Corporation IXDN514D1 Datasheet HTML 5Page - IXYS Corporation IXDN514D1 Datasheet HTML 6Page - IXYS Corporation IXDN514D1 Datasheet HTML 7Page - IXYS Corporation IXDN514D1 Datasheet HTML 8Page - IXYS Corporation IXDN514D1 Datasheet HTML 9Page - IXYS Corporation IXDN514D1 Datasheet HTML 10Page - IXYS Corporation IXDN514D1 Datasheet HTML 11Page - IXYS Corporation IXDN514D1 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Copyright © 2006 IXYS CORPORATION All rights reserved
IXDI514 / IXDN514
Low-State Output Resistance
vs. Supply Voltage
Supply Voltage (V)
10
15
20
25
0.2
0.4
0.6
0.8
0.0
1.0
8
High State Output Resistance
vs. Supply Voltage
Supply Voltage (V)
10
15
20
25
0.2
0.4
0.6
0.8
0.0
1.0
8
V
CC vs. P Channel Output Current
C
L=.1uF VIN=0-5V@1kHz
Vcc
10
15
20
25
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
8
Vcc vs. N Channel Output Current
C
L=.1uF VIN=0-5V@1kHz
Vcc
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
22
24
8
Enable Threshold vs. Supply Voltage
Supply Voltage (V)
8
1012
1416
1820222426
0
2
4
6
8
10
12
14
Fig. 23
Fig. 24
Fig. 25
Fig. 26
Fig. 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com