Electronic Components Datasheet Search
  English  ▼

X  

AS209-321 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS209-321
Description  GaAs IC Reflective SPDT DC-6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS209-321 Datasheet(HTML) 1 Page - Alpha Industries

  AS209-321 Datasheet HTML 1Page - Alpha Industries AS209-321 Datasheet HTML 2Page - Alpha Industries AS209-321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/02A
GaAs IC Reflective SPDT DC–6 GHz
Features
■ Single Broadband Design Covers
802.11a, 802.11b and 3.5 GHz Fixed
Wireless Applications
■ Positive Voltage Control (0, +5 V)
■ Low Insertion Loss Thru 6 GHz
■ High Linearity
■ QFN-12 3 x 3 mm Package
■ Low Cost
AS209-321
Description
The AS209-321 is a GaAs PHEMT reflective SPDT
switch that has been designed for WLAN TX/RX
applications. This device has been optimized to provide
excellent performance from DC–6 GHz. The AS209-321’s
high frequency, low loss and high linearity make it an
ideal choice for 802.11a, 802.11b and 3.5 GHz fixed
wireless LAN applications.
Parameter
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss
DC–2 GHz
0.7
1.0
dB
DC–3 GHz
0.8
1.2
dB
DC–4 GHz
1.1
1.4
dB
DC–6 GHz
1.2
1.5
dB
Isolation
DC–2 GHz
30
34
dB
DC–3 GHz
28
32
dB
DC–4 GHz
25
29
dB
DC–6 GHz
20
24
dB
Return Loss (On State)
DC–2 GHz
15
18
dB
DC–3 GHz
12
15
dB
DC–4 GHz
10
13
dB
DC–6 GHz
10
13
dB
Electrical Specifications at 25°C (0, +5 V)
Preliminary
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics
Rise, Fall (10/90% or 90/10% RF)
30
ns
On, Off (50% CTL to 90/10% RF)
50
ns
Video Feedthru
25
mV
Input Intermodulation Intercept Point (IIP3)
0/+5 V
1–4 GHz
46
dBm
Control Voltages
VC1 or VC2 = “0”
0
0.5
V
VC1 or VC2 = “1” with @ 200 µA Max.
3.5
5.0
V
Operating Characteristics at 25°C (0, +5 V)
Characteristic
Value
RF Input Power
1 W Max. > 500 MHz
Control Voltage
-0.2 V, +6 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings


Similar Part No. - AS209-321

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS20 ALLIED-AS20 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS20-100K-RC ALLIED-AS20-100K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS20-100K-RC ALLIED-AS20-100K-RC Datasheet
810Kb / 1P
Axial Shielded Inductors
AS20-100K-RC ALLIED-AS20-100K-RC Datasheet
810Kb / 1P
Axial Shielded Inductors
AS20-101K-RC ALLIED-AS20-101K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS209-321

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS006M2-93 ALPHA-AS006M2-93 Datasheet
47Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
AS210-321 ALPHA-AS210-321 Datasheet
551Kb / 3P
GaAs IC Reflective SPDT with Driver 3-6 GHz
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
Rev 1.0
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5506 ANADIGICS-AWS5506 Datasheet
67Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
AWS5516 ANADIGICS-AWS5516 Datasheet
60Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.2
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Skyworks Solutions Inc.
AS229-350 SKYWORKS-AS229-350 Datasheet
139Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
AS004L2-11 SKYWORKS-AS004L2-11 Datasheet
33Kb / 2P
GaAs IC SPDT Low Loss Switch Reflective DC-4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com