Electronic Components Datasheet Search
  English  ▼

X  

TIP35 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TIP35
Description  Designed for Complementary Use with the TIP36 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP35 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TIP35 Datasheet HTML 1Page - Bourns Electronic Solutions TIP35 Datasheet HTML 2Page - Bourns Electronic Solutions TIP35 Datasheet HTML 3Page - Bourns Electronic Solutions TIP35 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP35, TIP35A, TIP35B, TIP35C
NPN SILICON POWER TRANSISTORS
P RO D UCT
INFORMA TION
1
JULY 1968 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
● Designed for Complementary Use with the
TIP36 Series
● 125 W at 25°C Case Temperature
● 25 A Continuous Collector Current
● 40 A Peak Collector Current
● Customer-Specified Selections Available
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 1 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 28 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP35
TIP35A
TIP35B
TIP35C
VCBO
80
100
120
140
V
Collector-emitter voltage (IB = 0)
TIP35
TIP35A
TIP35B
TIP35C
VCEO
40
60
80
100
V
Emitter-base voltage
VEBO
5V
Continuous collector current
IC
25
A
Peak collector current (see Note 1)
ICM
40
A
Continuous base current
IB
5A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
125
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
3.5
W
Unclamped inductive load energy (see Note 4)
½LIC
2
90
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
250
°C
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAAA
B
C
E
1
2
3
OBSOLET
E


Similar Part No. - TIP35

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Power Innovations Ltd
TIP35 POINN-TIP35 Datasheet
93Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP35 SAVANTIC-TIP35 Datasheet
169Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP35 ISC-TIP35 Datasheet
174Kb / 4P
Silicon NPN Power Transistors
logo
Central Semiconductor C...
TIP35 CENTRAL-TIP35 Datasheet
272Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP35

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
Designed for Complementary Use with the BD546 Series
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
Designed for Complementary Use with TIP145, TIP146 and TIP147
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
Designed for Complementary Use with the TIP32 Series
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
Designed for Complementary Use with the BD244 Series
BDW93C-S BOURNS-BDW93C-S Datasheet
92Kb / 4P
Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
BDX33-S BOURNS-BDX33-S Datasheet
97Kb / 5P
Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Taoglas antenna solutio...
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
PHOENIX CONTACT
2700605 PHOENIX-2700605 Datasheet
80Kb / 4P
The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com