Electronic Components Datasheet Search
  English  ▼

X  

AS210-321 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS210-321
Description  GaAs IC Reflective SPDT with Driver 3-6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS210-321 Datasheet(HTML) 1 Page - Alpha Industries

  AS210-321 Datasheet HTML 1Page - Alpha Industries AS210-321 Datasheet HTML 2Page - Alpha Industries AS210-321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/02A
GaAs IC Reflective SPDT with Driver 3–6 GHz
Features
■ TX/RX Switch for IEEE 802.11a Wireless
LAN Applications
■ Positive CMOS Level Control (0, +3 V)
■ Low Loss (< 1.3 dB)
■ Low DC Power Consumption
■ QFN-12 3 x 3 mm Package
■ Low Cost
■ No External Components Needed
AS210-321
Description
The AS210-321 is a GaAs PHEMT SPDT reflective switch
that has been designed for WLAN TX/RX applications.This
device has been optimized to provide excellent
performance from 3–6 GHz. The AS210-321’s low
insertion loss make it an ideal choice for the 802.11a and
3.5 GHz fixed wireless LAN applications.
Parameter
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss
3–4 GHz
1.5
1.8
dB
5–6 GHz
1.0
1.5
dB
Isolation
3–5 GHz
23
27
dB
5–6 GHz
25
29
dB
Return Loss (On State)
3–6 GHz
7.5
12
dB
Electrical Specifications at 25°C (0, +3 V)
Preliminary
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics
Rise, Fall (10/90% or 90/10% RF)
100
ns
On, Off (50% CTL to 90/10% RF)
150
ns
Video Feedthru
25
mV
Input Intermodulation Intercept Point (IIP3)
0/+3 V
5–6 GHz
50
dBm
Control Voltages (C1)C1 = “0” with @ 700 µA Max.
0
0.4
V
C1 = “1” with @ 500 µA Max.
2.4
5.0
V
Supply Voltage (VS)
3.0
5.0
V
Supply Current
400
700
µA
Operating Characteristics at 25°C (0, +3 V)
Characteristic
Value
RF Input Power
1 W Max. > 500 MHz
Supply Voltage
-0.2 V, +6 V
Control Voltage
-0.2 V, +6 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings


Similar Part No. - AS210-321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS211-334 SKYWORKS-AS211-334 Datasheet
171Kb / 4P
PHEMT GaAs IC SPDT Switch LF-4 GHz
logo
Austin Semiconductor
AS2111 AUSTIN-AS2111 Datasheet
527Kb / 7P
Dual Voltage Comparator
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
Austin Semiconductor
AS2111C016/883C AUSTIN-AS2111C016/883C Datasheet
527Kb / 7P
Dual Voltage Comparator
AS2111C016/XT AUSTIN-AS2111C016/XT Datasheet
527Kb / 7P
Dual Voltage Comparator
More results

Similar Description - AS210-321

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS006M2-93 ALPHA-AS006M2-93 Datasheet
47Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
AS196-307 ALPHA-AS196-307 Datasheet
332Kb / 2P
GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz
AS209-321 ALPHA-AS209-321 Datasheet
185Kb / 3P
GaAs IC Reflective SPDT DC-6 GHz
logo
Tyco Electronics
SW-137 MACOM-SW-137 Datasheet
76Kb / 2P
GaAs SPDT Reflective Switch 0.01 - 3 GHz
logo
Alpha Industries
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5516 ANADIGICS-AWS5516 Datasheet
60Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.2
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Skyworks Solutions Inc.
AS229-350 SKYWORKS-AS229-350 Datasheet
139Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
AS196-307 SKYWORKS-AS196-307 Datasheet
688Kb / 6P
GaAs IC High-Isolation SPDT Nonreflective Switch with Driver LF-6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com