Electronic Components Datasheet Search
  English  ▼

X  

9841NH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9841NH
Description  Instrumentation and computer cable for EIA RS-485 data transmission applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9841NH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9841NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 9841NH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
code 9841NH
version 7
date 2010-02-22
9841NH
page 1/2
Belden Wire & Cable B.V.
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner
APPLICATION
Instrumentation and computer cable for EIA RS-485 data transmission applications.
CONSTRUCTION
1.
Conductor
AWG24 (7xAWG32) tinned Cu
2.
Insulation
Material
Polyethylene
Diameter over insulation
1.73
± 0.05 mm
Colour of insulation
White/blue and blue/white
3.
Filler (2x)
Material
Polypropylene
Diameter
1.90 mm
Colour
White
4.
Foil (Beldfoil®)
Material
Aluminium / Polyester
Thickness
9 / 23 µm
5.
Drainwire
AWG24 (7xAWG32) tinned Cu
6.
Braiding
Material
0.122 mm tinned Cu
Coverage
90%
7.
Sheath
Material
FRNC (UV stabilised)
Colour
Chrome (like RAL 7037)
Nominal thickness
0.89 mm
Nominal diameter
5.90 mm
1
2
3
4
5
6
7


Similar Part No. - 9841NH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9841NH BELDEN-9841NH Datasheet
160Kb / 2P
RS-485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Dca
03-04-2023
9841NH.001000 BELDEN-9841NH.001000 Datasheet
160Kb / 2P
RS-485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Dca
03-04-2023
9841NH.00152 BELDEN-9841NH.00152 Datasheet
160Kb / 2P
RS-485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Dca
03-04-2023
9841NH.00305 BELDEN-9841NH.00305 Datasheet
160Kb / 2P
RS-485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Dca
03-04-2023
9841NH.00500 BELDEN-9841NH.00500 Datasheet
160Kb / 2P
RS-485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Dca
03-04-2023
More results

Similar Description - 9841NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9540 ETC2-9540 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9509 ETC2-9509 Datasheet
38Kb / 3P
Computer Cable for EIA RS-232 Applications
9536 ETC2-9536 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9505 ETC2-9505 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9508 ETC1-9508 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9507 ETC1-9507 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9541 ETC1-9541 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
88106 ETC2-88106 Datasheet
102Kb / 3P
Low Cap. Computer Cable for EIA RS-232/422/485 Applications
9842NH ETC2-9842NH Datasheet
55Kb / 3P
Instrumentation and computer cable for EIA RS-485 data transmission applications
9182NH ETC2-9182NH Datasheet
52Kb / 2P
Twinaxial instrumentation and computer cable for data transmission applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com