Electronic Components Datasheet Search
  English  ▼

X  

RFPA2013 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFPA2013
Description  RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFPA2013 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFPA2013 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFMD®.
RFPA2013 and RFPA2189
GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
The RFPA2189 and RFPA2013 from RFMD are equivalent
amplifiers packaged in a SOT-89 and 3 x 3mm QFN,
respectively. Specifically designed for wireless infrastructure
applications, the RFPA2189 is a single-stage GaAs HBT power
amplifier (PA). The device offers ultra-linear operation at a
comparably low DC power, making it ideal for next-generation
radios that require high efficiency. External matching for the
RFPA2189 allows for use across various radio platforms within
the 400 to 2700MHz range. The device also offers low noise
figure, making it an excellent solution for second- and third-
stage low noise amplifiers (LNAs).
FEATURES
• -60dBc APCR at 16dBm WCDMA
• 0.5W output power (P1dB)
• Excellent linearity to DC power ratio
• Noisefigure=3.0dBat880MHz
• Singlesupply5Voperation
• Class1C(1000V)HBMESD
• RFPA2013offerspower-downcapabilities
• Applicationsinclude:GaAspre-driverforbasestationamplifiers;
PAstageforcommercialwirelessinfrastructure;2nd-or3rd-stage
LNAs;classABoperationforGSM,DCS,PCS,UMTS,WiMAX,
LTEtransceiverapplications
MPG.RFPA2189.0611.175
SPECIFICATIONS
*Freq Range
(MHz)
Noise Figure
(dB)
Gain
(dB)
P1dB
(dBm)
OIP3
(dBm)
VCC
(V)
Package
(mm)
Availability
Part Number
400 to 2700
3.8
15.7
27.0
41.5
5.0
3 x 3 QFN
NOW
RFPA2013
400 to 2700
2.8
19.5
27.5
43.0
5.0
SOT-89
NOW
RFPA2189
RFPA2013
RFPA2189
*Datameasuredat2140MHz
Order RFMD® products online at www.rfmd.com/rfmdExpress.
For sales or technical support, contact your authorized local sales representative (see www.rfmd.com/globalsales).
Register to receive RFMD’s latest product releases with our Email Component Alerts at www.rfmd.com/emailalert.
7628 Thorndike Rd., Greensboro, NC 27409-9421 USA • Phone 336.664.1233
RFMD® is a trademark of RFMD, LLC. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011 RFMD.
These products comply with RFMD’s green packaging standards.


Similar Part No. - RFPA2013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-410 RFMD-RFPA2013PCK-410 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-411 RFMD-RFPA2013PCK-411 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-412 RFMD-RFPA2013PCK-412 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013SQ RFMD-RFPA2013SQ Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
More results

Similar Description - RFPA2013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3800 RFMD-RFPA3800 Datasheet
2Mb / 12P
GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA2189 RFMD-RFPA2189_14 Datasheet
792Kb / 11P
GaAs HBT POWER AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com