Electronic Components Datasheet Search
  English  ▼

X  

SP3232E Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3232E
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232E Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3232E Datasheet HTML 9Page - Sipex Corporation SP3232E Datasheet HTML 10Page - Sipex Corporation SP3232E Datasheet HTML 11Page - Sipex Corporation SP3232E Datasheet HTML 12Page - Sipex Corporation SP3232E Datasheet HTML 13Page - Sipex Corporation SP3232E Datasheet HTML 14Page - Sipex Corporation SP3232E Datasheet HTML 15Page - Sipex Corporation SP3232E Datasheet HTML 16Page - Sipex Corporation SP3232E Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Date: 02/24/05
SP3222E, SP3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
The Contact Discharge Method applies the ESD
current directly to the EUT. This method was
devised to reduce the unpredictability of the
ESD arc. The discharge current rise time is
constant since the energy is directly transferred
without the air-gap arc. In situations such as
hand held systems, the ESD charge can be
directly discharged to the equipment from a
person already holding the equipment.
The
current is transferred on to the keypad or the
serial port of the equipment directly and then
travels through the PCB and finally to the IC.
The circuit models in Figures 17 and 18
represent the typical ESD testing circuits used
for all three methods. The CS is initially charged
with the DC power supply when the first
switch (SW1) is on. Now that the capacitor is
charged, the second switch (SW2) is on while
SW1 switches off. The voltage stored in the
capacitor is then applied through RS, the current
limiting resistor, onto the device under test
(DUT). In ESD tests, the SW2 switch is pulsed
so that the device under test receives a duration
of voltage.
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
Figure 17. ESD Test Circuit for Human Body Model
RS and RV add up to 330Ω for IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
RV
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
Figure 18. ESD Test Circuit for IEC1000-4-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com