Electronic Components Datasheet Search
  English  ▼

X  

SP3222 Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP3222
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222 Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP3222 Datasheet HTML 12Page - Sipex Corporation SP3222 Datasheet HTML 13Page - Sipex Corporation SP3222 Datasheet HTML 14Page - Sipex Corporation SP3222 Datasheet HTML 15Page - Sipex Corporation SP3222 Datasheet HTML 16Page - Sipex Corporation SP3222 Datasheet HTML 17Page - Sipex Corporation SP3222 Datasheet HTML 18Page - Sipex Corporation SP3222 Datasheet HTML 19Page - Sipex Corporation SP3222 Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Date: 02/24/05
SP3222E, SP3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
20
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP3222ECA ............................................. 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222ECA/TR ....................................... 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222ECP ............................................. 0˚C to +70˚C ............................................ 18-Pin PDIP
SP3222ECT ............................................. 0˚C to +70˚C ........................................ 18-Pin WSOIC
SP3222ECT/TR ....................................... 0˚C to +70˚C ........................................ 18-Pin WSOIC
SP3222ECY ............................................. 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222ECY/TR ....................................... 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222EEA ............................................ -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222EEA/TR ...................................... -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222EEP ............................................ -40˚C to +85˚C .......................................... 18-Pin PDIP
SP3222EET ............................................ -40˚C to +85˚C ...................................... 18-Pin WSOIC
SP3222EET/TR ...................................... -40˚C to +85˚C ...................................... 18-Pin WSOIC
SP3222EEY ............................................ -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3222EEY/TR ...................................... -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3232ECA ............................................. 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232ECA/TR ....................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232ECP ............................................. 0˚C to +70˚C ............................................ 16-Pin PDIP
SP3232ECT ............................................. 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3232ECT/TR ....................................... 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3232ECN ............................................. 0˚C to +70˚C ......................................... 16-Pin nSOIC
SP3232ECN/TR ....................................... 0˚C to +70˚C ......................................... 16-Pin nSOIC
SP3232ECY ............................................. 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232ECY/TR ....................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232EEA ............................................ -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232EEA/TR ...................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232EEP ............................................ -40˚C to +85˚C .......................................... 16-Pin PDIP
SP3232EET ............................................ -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3232EET/TR ...................................... -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3232EEN ............................................ -40˚C to +85˚C ....................................... 16-Pin nSOIC
SP3232EEN/TR ...................................... -40˚C to +85˚C ....................................... 16-Pin nSOIC
SP3232EEY ............................................ -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3232EEY/TR ...................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP3232EEN/TR = standard; SP3232EEN-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP, TSSOP or WSOIC and 2,500 for NSOIC.
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com