Electronic Components Datasheet Search
  English  ▼

X  

AV102-12 Datasheet(PDF) 2 Page - Alpha Industries

Part # AV102-12
Description  HIP3??Variable Attenuator 1.70.2.00 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AV102-12 Datasheet(HTML) 2 Page - Alpha Industries

  AV102-12 Datasheet HTML 1Page - Alpha Industries AV102-12 Datasheet HTML 2Page - Alpha Industries AV102-12 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/01A
HIP3™ Variable Attenuator 1.70–2.00 GHz
AV102-12
Input/Output VSWR vs. Current
@ 1700 MHz
1.0
1.1
1.2
1.3
1.4
1.5
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Current (Amps)
Input
Output
Input/Output VSWR vs. Current
@ 1850 MHz
1.0
1.1
1.2
1.3
1.4
1.5
Current (Amps)
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Input
Output
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Attenuation vs. Current
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
Current (Amps)
1850 MHz
2000 MHz
1700 MHz
1.70
1.80
1.90
2.00
Attenuation vs. Frequency
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
Frequency (GHz)
0.0 mA
0.2 mA
0.7 mA
1.7 mA
2.4 mA
3.0 mA
Input/Output VSWR vs. Current
@ 2000 MHz
1.0
1.1
1.2
1.3
1.4
1.5
Current (Amps)
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Input
Output
400
600
800
1000
Typical PIN Diode Current vs. Voltage
0.01
0.1
1
10
Diode Voltage (mV)
Typical Performance Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com