Electronic Components Datasheet Search
  English  ▼

X  

MP8101 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8101
Description  Ultra Low Power 1.8V, 400KHz Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8101 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8101 Datasheet HTML 1Page - Monolithic Power Systems MP8101 Datasheet HTML 2Page - Monolithic Power Systems MP8101 Datasheet HTML 3Page - Monolithic Power Systems MP8101 Datasheet HTML 4Page - Monolithic Power Systems MP8101 Datasheet HTML 5Page - Monolithic Power Systems MP8101 Datasheet HTML 6Page - Monolithic Power Systems MP8101 Datasheet HTML 7Page - Monolithic Power Systems MP8101 Datasheet HTML 8Page - Monolithic Power Systems MP8101 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP8101 – ULTRA LOW POWER, 1.8V, 400KHz OP AMP
MP8101 Rev. 0.91
www.MonolithicPower.com
5
1/17/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, unless otherwise noted.
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
COMMON MODE VOLTAGE (V)
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
Short Circuit Current vs
Supply Voltage
Sourcing
Short Circuit Current vs
Supply Voltage
Sinking
20
16
12
8
4
0
2.5
0.5
0.9
1.3
1.7
2.1
20
16
12
8
4
0
2.5
0.5
0.9
1.3
1.7
2.1
-1.30
-1.84
-2.38
-2.92
-3.46
-4.00
5
01234
Output Noise vs.
Frequency
1800
1600
1400
1200
1000
800
600
400
200
0
100K
0
10
100
1K
10K
-1.2
-1.3
-1.4
-1.5
-1.6
-1.7
5
01234



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com