Electronic Components Datasheet Search
  English  ▼

X  

MP8200 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8200
Description  1.0V Precision Shunt Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8200 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8200 Datasheet HTML 1Page - Monolithic Power Systems MP8200 Datasheet HTML 2Page - Monolithic Power Systems MP8200 Datasheet HTML 3Page - Monolithic Power Systems MP8200 Datasheet HTML 4Page - Monolithic Power Systems MP8200 Datasheet HTML 5Page - Monolithic Power Systems MP8200 Datasheet HTML 6Page - Monolithic Power Systems MP8200 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MP8200 – LOW VOLTAGE, 1V PRECISION SHUNT VOLTAGE REGULATOR
MP8200 Rev. 0.9
www.MonolithicPower.com
4
9/30/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1V, TA = +25ºC, unless otherwise noted.
VIN
2V/div
VOUT
1V/div
VIN
1V/div
VOUT
0.5V/div
VIN
2V/div
VOUT
1V/div
VIN
2V/div
VOUT
0.1V/div
T
VOUT vs. Temperature
Turn On With Load Capacitor
Turn On Time
VIN=1.3V, IIN=0.5mA
Turn Off With Load Capacitor
Line Transient
VIN=3V to 6V, IIN=0.5mA to 1mA
VOUT vs. IIN
IIN vs. VOUT
-50
970
980
990
1000
1010
1020
1.000
1.002
1.004
1.006
1.008
1.010
-10
30
70
110
150
INPUT VOLTAGE (V)
13
5
7
9
11
OUTPUT VOLTAGE (V)
0.9
10
100
1000
10000
100000
0.94
0.98
1.02 1.06
1.10
IIN=10mA
IIN=10mA
IIN=5mA
IIN=1mA
IIN=0.1mA
IIN=20mA
IIN=0.1mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com