Electronic Components Datasheet Search
  English  ▼

X  

C359 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C359
Description  Kit Contents for C359: MOS6020 Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C359 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C359 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
18/02/13
Designer’s Kit
Kit Contents for C359:
• MOS6020 Power Inductors
• 16 values, 3 of each
Inductance
Current Rating
Part Number
2.2µH
3.56A
MOS6020-222MLB
3.3µH
2.46A
MOS6020-332MLB
4.7µH
1.94A
MOS6020-472MLB
6.8µH
1.72A
MOS6020-682MLB
8.2µH
1.3A
MOS6020-822MLB
10µH
1.06A
MOS6020-103MLB
15µH
1.03A
MOS6020-153MLB
22µH
0.97A
MOS6020-223MLB
33µH
0.74A
MOS6020-333MLB
47µH
0.62A
MOS6020-473MLB
68µH
0.51A
MOS6020-683MLB
100µH
0.44A
MOS6020-104MLB
150µH
0.33A
MOS6020-154MLB
220µH
0.28A
MOS6020-224MLB
330µH
0.24A
MOS6020-334MLB
470µH
0.19A
MOS6020-474MLB
Part Number Table


Similar Part No. - C359

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C359 COILCRAFT-C359 Datasheet
237Kb / 4P
Designer s Kits
C359 COILCRAFT-C359 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C359 COILCRAFT-C359 Datasheet
100Kb / 1P
Designer’s Kits
logo
Powerbox
C3590 POWERBOX-C3590 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3590V POWERBOX-C3590V Datasheet
180Kb / 3P
Overvoltage protection with auto restart
More results

Similar Description - C359

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPIB20 PCA-EPIB20 Datasheet
1Mb / 50P
Contents Surface Mount Power Inductor
logo
Coilcraft lnc.
C423 COILCRAFT-C423 Datasheet
218Kb / 1P
Kit Contents 0603CT Low Profile Chip Inductors 35 values, 10 of each
LPS6225-122MLB COILCRAFT-LPS6225-122MLB Datasheet
206Kb / 1P
Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
PFL1609-471MEU COILCRAFT-PFL1609-471MEU Datasheet
202Kb / 1P
Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
SER1590-301MLB COILCRAFT-SER1590-301MLB Datasheet
200Kb / 1P
Kit Contents for C366, SER1590 High Current Power Inductors 9 values, 4 of each
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
MOS6020-222MLC COILCRAFT-MOS6020-222MLC Datasheet
195Kb / 2P
Shielded Power Inductors ??MOS6020
MOS6020-222MLC COILCRAFT-MOS6020-222MLC Datasheet
195Kb / 2P
Shielded Power Inductors ??MOS6020
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
CONTENTS
logo
NXP Semiconductors
DSP56303EVM NXP-DSP56303EVM Datasheet
304Kb / 2P
DSP56303EVM Kit Contents List
REV. 2 6/97
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com