Electronic Components Datasheet Search
  English  ▼

X  

MP8715 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8715
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8715 Datasheet HTML 11Page - Monolithic Power Systems MP8715 Datasheet HTML 12Page - Monolithic Power Systems MP8715 Datasheet HTML 13Page - Monolithic Power Systems MP8715 Datasheet HTML 14Page - Monolithic Power Systems MP8715 Datasheet HTML 15Page - Monolithic Power Systems MP8715 Datasheet HTML 16Page - Monolithic Power Systems MP8715 Datasheet HTML 17Page - Monolithic Power Systems MP8715 Datasheet HTML 18Page - Monolithic Power Systems MP8715 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
17
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (SOIC8E Package)
1%
6.3V
25V
1%
5%
25V
25V
6.3V
4.5V - 21V
C10
NS
C4
C9
25V
D1
NS
C3
100nF
R8
47k
SW
POK
R1
4.99k
10
R7
C2B
C2C
C5
10nF
R9
100k
C6
15pF
R2
10k
VCC
VIN
1.2V/4A
NS
R4
R10
10
C1A
GND
R5
4.7
C2A
J1
C7
EN
R3
100k
R6
0
L1
TP1
VOUT
GND
1
VIN
3
BST
8
SS
5
FB
2
SW
9
GND
4
MP8715DN
7
VCC
6
POK
U1
Figure 9— 1.2V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com