Electronic Components Datasheet Search
  English  ▼

X  

MP8716EN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8716EN
Description  High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8716EN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8716EN Datasheet HTML 1Page - Monolithic Power Systems MP8716EN Datasheet HTML 2Page - Monolithic Power Systems MP8716EN Datasheet HTML 3Page - Monolithic Power Systems MP8716EN Datasheet HTML 4Page - Monolithic Power Systems MP8716EN Datasheet HTML 5Page - Monolithic Power Systems MP8716EN Datasheet HTML 6Page - Monolithic Power Systems MP8716EN Datasheet HTML 7Page - Monolithic Power Systems MP8716EN Datasheet HTML 8Page - Monolithic Power Systems MP8716EN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP8716
High Efficiency 3A, 21V, 500kHz
Synchronous Step-down Converter
MP8716 Rev. 0.9
www.MonolithicPower.com
1
4/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8716 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 3A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP8716 has synchronous mode operation for
higher efficiency over output current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and
thermal shut down.
The MP8716 requires a minimum number of
readily available standard external components
and is available in a space saving 8-pin SOIC
package with an exposed pad.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 3A Output Current
• Low Rds(on) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• High Efficiency Synchronous Mode Operation
• Fixed 500kHz Switching Frequency
• Sync from 300kHz to 2MHz External Clock
• 1.5ms Internal Soft-Start Time
• Internal Compensation
• OCP Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in a Thermally Enhanced 8-pin SOIC
package
APPLICATIONS
•
Notebook Systems and I/O Power
•
Networking Systems
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
The information in this datasheet about the product and its associated
technologies are proprietary and intellectual property of Monolithic Power
Systems and are protected by copyright and pending patent applications
TYPICAL APPLICATION
MP8716
SW
GND
FB
EN/SYNC
IN
BST
VCC
R2
10k
Rt
47k
R1
4.99k
VIN
VOUT 1.2V
ON/OFF
6
8
4
2,3
1
7
5
21
Efficiency
VOUT=1.2V
0
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
12
3
VIN=5V
VIN=21V
VIN=12V


Similar Part No. - MP8716EN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712 MPS-MP8712 Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
MP8712GL MPS-MP8712GL Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712GL MPS-MP8712GL Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
MP8712GL MPS-MP8712GL Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
More results

Similar Description - MP8716EN

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com