Electronic Components Datasheet Search
  English  ▼

X  

MF-USMF010 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-USMF010
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USMF010 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-USMF010 Datasheet HTML 1Page - Bourns Electronic Solutions MF-USMF010 Datasheet HTML 2Page - Bourns Electronic Solutions MF-USMF010 Datasheet HTML 3Page - Bourns Electronic Solutions MF-USMF010 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-USMF Series - PTC Resettable Fuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
AB
C
D
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-USMF005
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.80
(0.031)
1.1
(0.043)
0.30
(0.012)
MF-USMF010
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.80
(0.031)
1.1
(0.043)
0.30
(0.012)
MF-USMF020
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.80
(0.031)
1.1
(0.043)
0.30
(0.012)
MF-USMF035
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.55
(0.022)
0.85
(0.033)
0.30
(0.012)
MF-USMF050
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.55
(0.022)
0.85
(0.033)
0.30
(0.012)
MF-USMF075
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.55
(0.022)
0.85
(0.033)
0.30
(0.012)
MF-USMF110
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.55
(0.022)
0.85
(0.033)
0.30
(0.012)
MF-USMF150
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.40
(0.016)
0.85
(0.033)
0.30
(0.012)
MF-USMF175X
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.40
(0.016)
0.85
(0.033)
0.30
(0.012)
Packaging: 3000 pcs. per reel.
Terminal material:
Electroless Ni under immersion Au
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
A
B
C
Top and Bottom View
Side View
D
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
•
MF-USMF models cannot be wave soldered.
•
If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.
•
Compatible with Pb and Pb-free solder reflow profiles.
•
Excess solder may cause a short circuit, especially during hand
soldering. Please refer to the Multifuse® Polymer PTC Soldering
Recommendation guidelines.
Recommended Pad Layout
2.5 ± 0.1
(.098 ± .004)
2.0 ± 0.1
(.079 ± .004)
1.0 ± 0.05
(.039 ± .002)
1.0 ± 0.05
(.039 ± .002)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com