Electronic Components Datasheet Search
  English  ▼

X  

MP8726 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8726
Description  21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8726 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8726 Datasheet HTML 5Page - Monolithic Power Systems MP8726 Datasheet HTML 6Page - Monolithic Power Systems MP8726 Datasheet HTML 7Page - Monolithic Power Systems MP8726 Datasheet HTML 8Page - Monolithic Power Systems MP8726 Datasheet HTML 9Page - Monolithic Power Systems MP8726 Datasheet HTML 10Page - Monolithic Power Systems MP8726 Datasheet HTML 11Page - Monolithic Power Systems MP8726 Datasheet HTML 12Page - Monolithic Power Systems MP8726 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP8726 – 6A PEAK CURRENT, 21V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8726 Rev. 0.92
www.MonolithicPower.com
9
6/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP8726 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a very
compact solution to achieve 6A peak output
current over a wide input supply range with
excellent load and line regulation.
The MP8726 operates in a fixed frequency, peak
current control mode to regulate the output
voltage. A PWM cycle is initiated by the internal
clock. The integrated high-side power MOSFET
is turned on and remains on until its current
reaches the value set by the COMP voltage.
When the power switch is off, it remains off until
the next clock cycle starts. If, in 90% of one PWM
period, the current in the power MOSFET does
not reach the COMP set current value, the power
MOSFET will be forced to turn off
Power Good Indicator
When the FB is below 0.70VFB, the PG pin will be
internally pulled low. When the FB is above
0.9VFB , the PG becomes an open-drain output.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes the
VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output decreases, 0.1uF ceramic
capacitor for decoupling purpose is required.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal FB reference (VFB) and outputs a
current proportional to the difference between the
two. This output current is then used to charge or
discharge the internal compensation network to
form the COMP voltage, which is used to control
the power MOSFET current. The optimized
internal compensation network minimizes the
external component counts and simplifies the
control loop design.
Enable/Sync Control
EN/Sync is a digital control pin that turns the
regulator on and off. Drive EN high to turn on the
regulator, drive it low to turn it off. There is an
internal 1MEG resistor from EN/Sync to GND
thus EN/Sync can be floated to shut down the
chip.
1) Enabled by external logic H/L signal
The chip starts up once the enable signal goes
higher than EN/SYNC input high voltage (2V),
and is shut down when the signal is lower than
EN/SYNC input low voltage (0.4V). To disable
the chip, EN must be pulled low for at least 5µs.
The input is compatible with both CMOS and
TTL.
2) Enabled by Vin through voltage divider.
Connect EN with VIN through a resistive voltage
divider for automatic startup as the Figure 2
shows.
EN
VIN
REN1
REN2
Figure 2—Enable Divider Circuit
Choose the value of the pull-up resistor REN1 and
pull-down resistor REN2 to reset the automatic
start-up voltage:
EN1
EN2
IN_START
EN_RISING
EN2
(R
R
|| 1M )
VV
R|| 1M
+Ω
=⋅
Ω
EN1
EN2
IN_STOP
EN-FALLING
EN2
(R
R
|| 1M )
VV
R|| 1M
=
+Ω
⋅
Ω
Vin
EN/Sync
Vcc
Vout
VEN_Rising
5us
VEN_Falling
VIN_START
1ms
VCC_Rising
Turn On Delay
Turn Off Delay
VIN_STOP
Figure 3—Startup Sequence Using EN Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com