Electronic Components Datasheet Search
  English  ▼

X  

PTH03000WAST Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03000WAST
Description  Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03000WAST Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH03000WAST Datasheet HTML 3Page - Texas Instruments PTH03000WAST Datasheet HTML 4Page - Texas Instruments PTH03000WAST Datasheet HTML 5Page - Texas Instruments PTH03000WAST Datasheet HTML 6Page - Texas Instruments PTH03000WAST Datasheet HTML 7Page - Texas Instruments PTH03000WAST Datasheet HTML 8Page - Texas Instruments PTH03000WAST Datasheet HTML 9Page - Texas Instruments PTH03000WAST Datasheet HTML 10Page - Texas Instruments PTH03000WAST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
PTH03000W
Adjusting the Output Voltage of the PTH03000W
Wide-Output Adjust Power Modules
The Vo Adjust control (pin 4) sets the output voltage of
the PTH03000Wproduct. The adjustment range is
from 0.9 V to 2.5 V. The adjustment method requires
the addition of a single external resistor, Rset, that must
be connected directly between the Vo Adjust and GND
pins 1. Table 2-1 gives the preferred value of the external
resistor for a number of standard voltages, along with the
actual output voltage that this resistance value provides.
For other output voltages the value of the required resistor
can either be calculated using the following formula, or
simply selected from the range of values given in Table 2-2.
Figure 2-1 shows the placement of the required resistor.
Rset
= 10 k
Ω ·
0.891 V
– 4.99 k
Ω
Vout – 0.9 V
Figure 2-1; V
o
Adjust Resistor Placement
Notes:
1. Use a 0.1 W resistor. The tolerance should be 1 %,
with a temperature stability of 100 ppm/°C (or better).
Place the resistor as close to the regulator as possible.
Connect the resistor directly between pins 4 and 1
using dedicated PCB traces.
2. Never connect capacitors from Vo Adjust to either GND or
Vout. Any capacitance added to the Vo Adjust pin will affect
the stability of the regulator.
0.900
Open
0.92535
1 k
Ω
0.950
173 k
Ω
0.975114 k
Ω
1.000
84.1 k
Ω
1.02566.3 k
Ω
1.050
54.4 k
Ω
1.07545
.9 k
Ω
1.100
39.6 k
Ω
1.12534.6 k
Ω
1.150
30.7 k
Ω
1.17527.4 k
Ω
1.200
24.7 k
Ω
1.22522.4 k
Ω
1.250
20.5 k
Ω
1.27518.8 k
Ω
1.300
17.3 k
Ω
1.32516.0 k
Ω
1.350
14.8 k
Ω
1.37513.8 k
Ω
1.400
12.8 k
Ω
1.42512.0 k
Ω
1.450
11.2 k
Ω
1.47510.5
k
Ω
Vout (Standard)
Rset (Pref’d Value)
Vout (Actual)
2.5 V
576
Ω
2.501V
2 V
3.09 k
Ω
2.003 V
1.8 V
4.87 k
Ω
1.804 V
1.5 V
9.76 k
Ω
1.504 V
1.2 V
24.3 k
Ω
1.204 V
1 V
82.5 k
Ω
1.002 V
0.9 V
Open
0.9 V
Table 2-1; Preferred Values of R
set
for Standard Output Voltages
Table 2-2; Output Voltage Set-Point Resistor Values
Va Req’dRset
Va Req’dRset
1.50
9.86 k
Ω
1.55
8.72 k
Ω
1.60
7.74 k
Ω
1.656.89 k
Ω
1.70
6.15 k
Ω
1.755
.49 k
Ω
1.80
4.91 k
Ω
1.854.39 k
Ω
1.90
3.92 k
Ω
1.953.5
0 k
Ω
2.00
3.11 k
Ω
2.052.76 k
Ω
2.10
2.44 k
Ω
2.152.14 k
Ω
2.20
1.86 k
Ω
2.251.61 k
Ω
2.30
1.37 k
Ω
2.351.15
k
Ω
2.40
950
Ω
2.4575
8
Ω
2.50
579
Ω
PTH03000W
V
IN
1
4
5
2
3
C
IN
100µF
(Required)
C
OUT
100µF
(Optional)
Inhibit
GND
GND
V
OUT
R
SET
0.1 W, 1 %
V
O Adj
GND
Inhibit
V
IN
V
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com