Electronic Components Datasheet Search
  English  ▼

X  

MP8760GLE Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8760GLE
Description  High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760GLE Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8760GLE Datasheet HTML 13Page - Monolithic Power Systems MP8760GLE Datasheet HTML 14Page - Monolithic Power Systems MP8760GLE Datasheet HTML 15Page - Monolithic Power Systems MP8760GLE Datasheet HTML 16Page - Monolithic Power Systems MP8760GLE Datasheet HTML 17Page - Monolithic Power Systems MP8760GLE Datasheet HTML 18Page - Monolithic Power Systems MP8760GLE Datasheet HTML 19Page - Monolithic Power Systems MP8760GLE Datasheet HTML 20Page - Monolithic Power Systems MP8760GLE Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP8760 — 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760 Rev. 1.1
www.MonolithicPower.com
17
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output-Voltage, Large-ESR Capacitors
For applications that use electrolytic or POS
capacitors with large ESR values as output
capacitors, the feedback resistors—R1 and R2
as shown in Figure 10—set the output voltage.
R1
R2
ESR
POSCAP
SW
VOUT
L
FB
Figure 10: Simplified POSCAP Circuit
First, choose an R2 that balances between high
quiescent current loss (lower R2) and high noise
sensitive on FB (higher R2). A typical value falls
within 5kΩ-50kΩ, using a comparatively larger
R2 when VOUT is low, and a smaller R2 when
VOUT is high. Then calculate R1 as follows:
OUT
OUT
REF
REF
1
VV
V
2
R1
R2
V
−× Δ
−
=×
(15)
Where
OUT
V
Δ
is the output ripple determined by
equation 24.
Output-Voltage, Small-ESR Capacitors
R1
R2
Ceramic
SW
FB
VOUT
L
R9
R4
C4
Figure 11: Simplified Ceramic Capacitor Circuit
When using a low-ESR, ceramic capacitor on the
output, add an external voltage ramp to the FB
pin (R4 and C4). The ramp voltage (VRAMP) and
the resistor divider (shown in Figure 11) influence
the output voltage . Calculate VRAMP as shown in
equation 7. Select R2 to balance between high
quiescent current loss and FB noise sensitivity.
Choose R2 within 5kΩ-50kΩ, using a larger R2
when VOUT is low, and a smaller R2 when VOUT is
high. Determine the value of R1 as follows:
9
R
4
R
2
R
V
V
V
2
R
1
R
)
AVG
(
FB
OUT
)
AVG
(
FB
+
−
−
=
(16)
Where VFB(AVG) is the average FB voltage. VFB(AVG)
varies with the VIN, VOUT, and load condition,
where the load regulation is strictly related to the
VFB(AVG). Also the line regulation is related to the
VFB(AVG)—improving load or line regulation
involves a lower VRAMP that meets equation 9.
For PWM, estimate VFB(AVG) from equation 17.
9
R
2
R
//
1
R
2
R
//
1
R
V
2
1
V
V
RAMP
REF
)
AVG
(
FB
+
×
×
+
=
(17)
Usually, R9 is 0Ω, though it can also be set
following equation 18 for better noise immunity. It
should also be less than 20% of R1//R2 to
minimize its influence on VRAMP.
1R1 R2
R9
5R1 R2
×
<×
+
(18)
Using equations 16 and 17 to calculate the
output voltage can be complicated. To simplify
the R1 calculation in equation 16, add a DC-
blocking capacitor (CDC) to filter the DC influence
from R4 and R9. Figure 12 shows a simplified
circuit with external ramp compensation and a
DC-blocking capacitor. The addition of this
capacitor simplifies the R1 calculation as per
equation 19 for PWM mode operation.
2
R
V
2
1
V
V
2
1
V
V
1
R
RAMP
REF
RAMP
REF
OUT
×
×
+
×
−
−
=
(19)
For best results, select a CDC value at least
10×C4 for better DC blocking performance, but
smaller than 0.47uF to account for start-up
performance. To use a larger CDC for better FB
noise immunity, reduce R1 and R2 to limit their
effects on system start-up. Note that even with
CDC, the load and line regulation are still related
to VRAMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com