Electronic Components Datasheet Search
  English  ▼

X  

MP8761GL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8761GL
Description  High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8761GL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8761GL Datasheet HTML 11Page - Monolithic Power Systems MP8761GL Datasheet HTML 12Page - Monolithic Power Systems MP8761GL Datasheet HTML 13Page - Monolithic Power Systems MP8761GL Datasheet HTML 14Page - Monolithic Power Systems MP8761GL Datasheet HTML 15Page - Monolithic Power Systems MP8761GL Datasheet HTML 16Page - Monolithic Power Systems MP8761GL Datasheet HTML 17Page - Monolithic Power Systems MP8761GL Datasheet HTML 18Page - Monolithic Power Systems MP8761GL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MP8761 — 8A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8761 Rev. 1.1
www.MonolithicPower.com
15
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
case, 6V) for the internal zener clamp should be
less than 1mA.
Therefore, when driving EN with an external logic
signal, use an EN voltage less than 6V; when
connecting EN to IN through a pull-up resistor or
a resistive voltage divider, select a resistance
that ensures a maximum pull up current less than
1mA.
If using a resistive voltage divider and VIN
exceeds 6V, then the minimum resistance for the
pull-up resistor RUP should meet:
IN
UP
DOWN
V6V
6V
1mA
RR
−
−≤
(12)
With only RUP (the pull-down resistor RDOWN is not
connected), then the VCC UVLO threshold
determines VIN-START so the minimum resistor
value is:
IN
UP
V6V
R( )
1mA
−
≥Ω
(13)
A typical pull-up resistor is 100kΩ.
Soft-Start
The MP8761 employs soft-start (SS) to ensure a
smooth output during power-up. When the EN
pin goes HIGH, an internal current source (20μA)
charges the SS capacitor. The SS capacitor
voltage takes over the REF voltage to the PWM
comparator. The output voltage smoothly ramps
up with the SS voltage. It continues ramping up
while VREF takes over the PWM comparator. At
this point, soft-start finishes and the device
enters steady state operation.
Determine the SS capacitor value as follows:
()
()
( )
()
×μ
= SS
SS
SS
REF
Tms
I
A
CnF
VV
(14)
If the output capacitors are large, then avoid
setting a short SS time or risk hitting the current
limit during SS. Use a minimum value of 4.7nF if
the output capacitance value exceeds 330μF.
Pre-Bias Startup
The MP8761 is designed for monotonic startup
for pre-biased loads. If the output is pre-biased to
a certain voltage during startup, the IC will
disable switching for both high-side and low-side
switches until the voltage on the soft-start
capacitor exceeds the sensed output voltage at
the FB pin.
Power Good (PG)
The MP8761 has a power-good (PG) output. The
PG pin is the open drain of a MOSFET. Connect
it to VCC or some other voltage source that
measures less than 5.5V through a pull-up
resistor (typically 100kΩ). After applying the input
voltage, the MOSFET turns ON so that the PG
pin is pulled to GND before the SS is ready. After
the FB voltage reaches 91% of the REF voltage,
the PG pin is pulled HIGH after a 2.5ms delay.
When the FB voltage drops to 80% of the REF
voltage or exceeds 120% of the nominal REF
voltage, the PG pin is pulled LOW.
If the input supply fails to power the MP8761, the
PG pin is also pulled low even though this pin is
tied to an external DC source through a pull-up
resistor (typically. 100kΩ).
Over-Current Protection (OCP)
The MP8761 features two current limit levels for
over-current conditions: low-side valley current
limit and low-side negative current limit.
Low-Side Valley Current Limit: The device
monitors the inductor current during LS-FET
ON state. At the end of OFF time, the LS-FET
sourcing current is compared to the internal
positive-valley-current limit. If the valley
current limit is less than LS-FET sourcing
current, the LS-FET turns OFF and the HS-
FET turns ON for a fixed time determined by
frequency-set resistor RFREQ and input voltage.
During OCP, the device tries to recover from
the over-current fault with hiccup mode: the
chip disables the output power stage,
discharges the soft-start capacitor and then
automatically retries soft-start. If the over-
current condition still holds after soft-start
ends, the device repeats this operation cycle
until the over-current conditions disappear
and then output rises back to regulation level.
OCP offers non-latch protection.
Low-Side Negative Current Limit: If the
sensed LS-FET negative current exceeds the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com