Electronic Components Datasheet Search
  English  ▼

X  

DM-301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM-301
Description  THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM-301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM-301 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
THERMOCOUPLE & RESISTANCE
THERMOMETER SENSORS & PROBES
CONTENTS
Mineral Insulated, Flexible Sheath Thermocouples . . . . 3
Welded Tip, Fine Wire Thermocouples . . . . . . . . . . . . . . . . . 5
Thermocouples for specific Applications including
Surface Air & Plastics Machinery Sensors . . . . . . . . . . . . . 6
Hand Held Thermocouple Probes . . . . . . . . . . . . . . . . . . . . . . 7
Furnace Thermocouples. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Mineral Insulated, Flexible Sheath Platinum
Resistance Thermometers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Fabricated, Rigid Sheath Platinum Resistance
Thermometers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Platinum Resistance Thermometers for
specific Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Hand Held Platinum Resistance Thermometers . . . . . . 10
Platinum Resistance Thermometer
Elements (Sensing Resistors) . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Custom Sensors. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Probe Certification. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Installation Fittings for Temperature Sensors. . . . . . . . . 13
Head Mounting Temperature Transmitters . . . . . . . . . . . 13
Other Labfacility Products. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Choosing the sensor type:
Thermocouples
are less expensive than PRT sensors,
more versatile, less accurate, more rugged, more sensitive,
have a wider operating range, are tip sensitive and can
be smaller. Extension cabling is more expensive. Various
calibrations are available for different applications.
PRT assemblies
are much more accurate and stable,
permit greater resolution of measurement but over a more
limited range, are stem sensitive, larger and more
expensive. Extension cabling is inexpensive copper wire.
Remember the type of sensor chosen must suit the
associated instrumentation.
q
Thermocouple & platinum resistance thermometers in a
wide range of configurations & dimensions
q
Ranges from -200°C to 1700°C
q
Mineral insulated, flexible and fabricated, rigid probes
q
Fine wire thermocouples
q
Hand held probes
q
Plastics, surface & air sensors
q
Furnace thermocouples
q
Calibrated sensors
q
General purpose and application specific designs
q
Installation fittings
q
Head mounting temperature transmitters
q
Pt100 & Pt1000 detectors
q
ISO 9001 registered
q
Full compliance with IEC specifications
q
Thermocouple calibration types J,K,T,N,E,R & S
available
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
COLOUR CODES
THERMOCOUPLE CONNECTORS, EXTENSION
AND COMPENSATING WIRES AND CABLES
INSULATION COLOUR CODES
Extension & Compensating Leads
CABLE
CODE
NICKEL CHROMIUM/CONSTANTAN
EX
E
(Nickel Chromium/Copper Nickel,
Chromel/Constantan, T1/Advance,
NiCr/Constantan)
J
IRON*/CONSTANTAN
JX
(Iron/Copper Nickel, Fe/Konst
Iron/Advance, Fe/Constantan I/C)
K
NICKEL CHROMIUM/NICKEL
KX
ALUMINIUM*
(NC/NA, Chromel/Alumel, C/A,
T1/T2, NiCr/Ni, NiCr/NiAL)
N NICROSIL/NISIL
NX
NC
T
COPPER/CONSTANTAN
TX
(Copper/Copper Nickel,
Cu/Con, Copper/Advance)
Vx
COPPER/CONSTANTAN
KCB
(LOW NICKEL)
(Cu/Constantan) Compensating
for K (Cu/Constantan)
U
COPPER/COPPER NICKEL
RCA
Compensating for Platinum 10% or
13% Rhodium/Platinum (Codes S &
R respectively) (Copper/Cupronic
SCA
Cu/CuNi, Copper/No. 11 Alloy)
* Magnetic, ( )
Alternative & Trade Name
FOR
THERMOCOUPLE
CONNECTORS
body colours are
similar to outer
sheath colours
FOR
THERMOCOUPLE
CONNECTORS
body colours are
similar to outer
sheath colours
IEC584-3: 1989
BS4937. Part 30. 1993
The British Standard Colour Code for Thermocouple Cables, BS1843:
1952 is superseded by BS4937 PART 30 1993 (=IEC 584-3 1989)
Additional identification as to whether a thermocouple cable type is
extension or compensating is indicated in the example which follows;
however, please note that a letter A or B after the C for Compensating
refers to the Cable Temperature Range in accordance with the table of
Tolerance Values set out with this standard.
K – X
– 1
=
K EXTENSION CLASS 1
K – CA – 2
=
K COMPENSATION CLASS 2
www.labfacility.co.uk
Type
J
Type
K
Ty
pe
T
Type
N
Type
E
Ty
pe
R
Ty
pe
S
All technical information published in this brochure is for guidance and not necessarily
definitive. All thermocouple items comply with IEC 584 colour codes, cable and
thermoelement tolerances unless otherwise stated. All platinum resistance thermometer
items comply with IEC 751 tolerance and termination colour codes. All dimensions stated
are nominal. Product availability & specifications may be subject to change. E & OE
To receive our regular email newsletter, please register your details on our website
FORMER STANDARD
TYPE
CONDUCTORS +/-
BRITISH
AMERICAN
GERMAN
BS1843: 1952
ANSI/MC 96.1
DIN 43713 / 43714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com