Electronic Components Datasheet Search
  English  ▼

X  

AV110-73 Datasheet(PDF) 2 Page - Alpha Industries

Part # AV110-73
Description  GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AV110-73 Datasheet(HTML) 2 Page - Alpha Industries

  AV110-73 Datasheet HTML 1Page - Alpha Industries AV110-73 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7–2.5 GHz
AV110-73
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 10/99A
VControl (V)
Attenuation vs. Control Voltage
@ 1900 MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Attenuation vs. Control Voltage
@ 2400 MHz
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VControl (V)
VC (V)
VSWR vs. Control Voltage
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Input
Output
2.5
2.0
3.0
1.5
0
0.5
1.0
GND
VS
J1
CBL
GND
VC
J2
CBL
Characteristic
Value
RF Input Power
50 mW > 500 MHz
Supply Voltage
+7 V
Control Voltage
+3.3 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings
Pin Out
DC blocking capacitors (CBL) supplied externally.
CBL = 25 pF for 1900 MHz operation.
Note: Exceeding these parameters may cause irreversible damage.
Typical Performance Data @ 1.9 GHz
(Unless Otherwise Specified)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com