Electronic Components Datasheet Search
  English  ▼

X  

MP9181 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9181
Description  High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9181 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9181 Datasheet HTML 1Page - Monolithic Power Systems MP9181 Datasheet HTML 2Page - Monolithic Power Systems MP9181 Datasheet HTML 3Page - Monolithic Power Systems MP9181 Datasheet HTML 4Page - Monolithic Power Systems MP9181 Datasheet HTML 5Page - Monolithic Power Systems MP9181 Datasheet HTML 6Page - Monolithic Power Systems MP9181 Datasheet HTML 7Page - Monolithic Power Systems MP9181 Datasheet HTML 8Page - Monolithic Power Systems MP9181 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP9181
High Efficiency, Fast Transient, 3A, 4.5V-20V Input
Synchronous Step-down Converter
in a Tiny 2mmx3mm QFN12 Package
MP9181 Rev 1.01
www.MonolithicPower.com
1
12/10/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9181 is a fully-integrated, high-
efficiency, synchronous, step-down, switch
mode converter. It offers a very compact
solution that can achieve 3A continuous output
current over a wide input supply range with
excellent load and line regulation. This device
operates with high efficiency over a wide
output-current load range.
Constant-On-Time
(COT)
control
mode
provides fast transient response and eases loop
stabilization.
Full protection features include SCP, OCP,
UVP, and thermal shut down.
The MP9181 requires a minimal number of
readily-available standard external components.
This device is available in a space-saving
2mmx3mm 12-pin QFN package.
FEATURES
• Compatible with Intel Thunderbolt Specs
• Wide 4.5V to 20V Operating Input Range
• 3A Output Current
• +/-1% VFB Voltage Tolerance
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• Up to 95% Peak Efficiency
• High Light Load Efficiency
• Soft Start-up/Shutdown
• Programmable Switching Frequency
• SCP, OCP, UVP Protection and Thermal
Shutdown
• Hiccup Mode during OCP
• Power Good Indicator
• Ultra-small (2mmx3mm) QFN Package
APPLICATIONS
•
Networking/Communication Systems
•
System I/O Power
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP9181

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9184 MPS-MP9184 Datasheet
913Kb / 20P
17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP9184A MPS-MP9184A Datasheet
1Mb / 8P
19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
MP9184AGL MPS-MP9184AGL Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP9184GL MPS-MP9184GL Datasheet
913Kb / 20P
17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
More results

Similar Description - MP9181

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP28258 MPS-MP28258 Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259 MPS-MP28259 Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259-A MPS-MP28259-A Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP38900 MPS-MP38900 Datasheet
859Kb / 23P
High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
NB638 MPS-NB638 Datasheet
765Kb / 19P
High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
NB639 MPS-NB639 Datasheet
868Kb / 19P
High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter In a Tiny QFN20 (3x4mm) Package
NB6381 MPS-NB6381 Datasheet
747Kb / 19P
High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter in a Tiny QFN20 (3x4mm) Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com