Electronic Components Datasheet Search
  English  ▼

X  

MP9181DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP9181DD
Description  High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9181DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP9181DD Datasheet HTML 1Page - Monolithic Power Systems MP9181DD Datasheet HTML 2Page - Monolithic Power Systems MP9181DD Datasheet HTML 3Page - Monolithic Power Systems MP9181DD Datasheet HTML 4Page - Monolithic Power Systems MP9181DD Datasheet HTML 5Page - Monolithic Power Systems MP9181DD Datasheet HTML 6Page - Monolithic Power Systems MP9181DD Datasheet HTML 7Page - Monolithic Power Systems MP9181DD Datasheet HTML 8Page - Monolithic Power Systems MP9181DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP9181 – 3A, 4.5V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP9181 Rev 1.01
www.MonolithicPower.com
2
12/10/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP9181DD
QFN12 (2x3mm)
AEH
* For Tape & Reel, add suffix –Z (e.g. MP9181DD–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP9181DD–LF–Z)
PACKAGE REFERENCE
GND
SW
BST
VCC
EN
GND
SW
IN
FREQ
FB
TOP VIEW
PG
GND
1
2
12
3
4
8
7
6
5
11
10
9
SW
QFN12 (2x3mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 22V
VSW... -0.3V (-4V<10ns) to VIN+0.3V (24V<10ns)
VBST ...................................................... VSW + 6V
IVIN (RMS)........................................................ 3.5A
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation
(TA = 25°C)
(2)
QFN12 (2X3mm)........................................ 1.8W
Junction Temperature ..............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 20V
Output Voltage VOUT.....................0.815V to 13V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN12 (2mmx3mm)............... 70 ...... 15...
°C/W
Notes:
1) Exceeding these ratings may damage the device. About the
details of EN pin’s ABS MAX rating, please refer to Page 12
Enable Control section.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com