Electronic Components Datasheet Search
  English  ▼

X  

AV133-315 Datasheet(PDF) 2 Page - Alpha Industries

Part # AV133-315
Description  HIP3??Variable Attenuator for UMTS Base Stations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AV133-315 Datasheet(HTML) 2 Page - Alpha Industries

  AV133-315 Datasheet HTML 1Page - Alpha Industries AV133-315 Datasheet HTML 2Page - Alpha Industries AV133-315 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/02A
HIP3™ Variable Attenuator for UMTS Base Stations
AV133-315
Insertion Loss vs. Frequency and
Control Voltage — UMTS Band
-50
-40
-30
-20
-10
0
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
0 V
4 V
8 V
12 V
Input/Output Return Loss vs. Frequency
and Control Voltage — UMTS Band
-40
-35
-30
-25
-20
-15
-10
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
0 V
4 V
8 V
12 V
Insertion Loss Flatness vs.
Control Voltage — UMTS Band
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
04
26
8
10
12
Flatness (dB)
Phase vs. Frequency and
Control Voltage — UMTS Band
0
2
4
6
8
10
12
14
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
8 V
11 V
0 V
4 V
3rd Order Intermod
Intercept vs. Control Voltage
RF1 = 2.140 GHz, RF2 = 2.145 GHz @ 8 dBm
04
26
8
10
12
Control Voltage (V)
30
32
34
36
38
40
42
44
46
48
50
Total Current vs. Control Voltage
06
39
12
Control Voltage (V)
0
0.5
1.0
1.5
2.0
Typical Performance Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com