Electronic Components Datasheet Search
  English  ▼

X  

AV141-321 Datasheet(PDF) 2 Page - Alpha Industries

Part # AV141-321
Description  GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AV141-321 Datasheet(HTML) 2 Page - Alpha Industries

  AV141-321 Datasheet HTML 1Page - Alpha Industries AV141-321 Datasheet HTML 2Page - Alpha Industries AV141-321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs IC 25 dB Voltage Variable Attenuator 2.7–4.0 GHz
AV141-321
2
Alpha Industries, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/02A
Typical Performance Data at 25°C
Frequency (GHz)
Insertion Loss vs. Frequency
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Frequency (GHz)
Maximum Attenuation vs. Frequency
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-40
-35
-30
-25
-20
-15
-10
-5
0
VC (V)
Attenuation vs. Control Voltage
-40
-35
-30
-25
-20
-15
-10
-5
0
0.2
0.4
0.6
0.8
1.0
1.2
VC (V)
VSWR vs. Control Voltage
0.2
0.4
0.6
0.8
1.0
1.2
1.0
1.2
1.4
1.6
1.8
Input
Output
Frequency (GHz)
Output VSWR vs. Frequency
1.0
1.2
1.4
1.6
1.8
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Minimum Attenuation
Maximum Attenuation
Frequency (GHz)
Input IP3 vs. Frequency
2.8
3.0
3.2
3.4
3.6
3.8
4.0
18
19
20
21
22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com