Electronic Components Datasheet Search
  English  ▼

X  

EMT1 Datasheet(PDF) 2 Page - Rohm

Part # EMT1
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMT1 Datasheet(HTML) 2 Page - Rohm

  EMT1 Datasheet HTML 1Page - Rohm EMT1 Datasheet HTML 2Page - Rohm EMT1 Datasheet HTML 3Page - Rohm EMT1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMT1 / UMT1N / IMT1A
Transistors
Rev.C
2/3
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−6
−
−
120
−
−
−
−
−
−
−
−
−
−
140
4
−
−
−
−0.1
−0.1
560
−0.5
−
5
VIC =
−50µA
IC =
−1mA
IE =
−50µA
VCB =
−60V
VEB =
−6V
VCE =
−6V, IC = −1mA
VCE =
−12V, IE = 2mA, f = 100MHz
IC/IB =
−50mA/−5mA
VCB =
−12V, IE = 0A, f = 1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Packaging specifications
Package
Taping
Code
UMT1N
EMT1
Type
IMT1A
TN
3000
T2R
8000
−
−
−
T110
3000
−
−
−
Basic ordering unit (pieces)
Electrical characteristic curves
-0.2
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
-0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6
VCE =
−6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
Ta = 100
°C
25
°C
−40
°C
-0.4
-4
-8
-1.2
0
-2
-6
-10
-0.8
-1.6
-2.0
-3.5
µA
-7.0
-10.5
-14.0
-17.5
-21.0
-24.5
-28.0
-31.5
IB = 0
Ta = 25
°C
-35.0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics (
Ι )
-40
-80
-5
-3
-4
-2
-1
-20
-60
-100
0
IB = 0
Ta = 25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3 Grounded emitter output
characteristics (
ΙΙ )
-50
µA
-100
-150
-200
-250
-500
-450
-400
-350
-300
500
200
100
50
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
Ta = 25
°C
VCE = -5V
-3V
-1V
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current (
Ι )
500
200
100
50
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs. collector
current (
ΙΙ )
VCE = -6V
Ta = 100
°C
-40
°C
25
°C
-0.1
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
-1
-0.5
-0.2
-0.05
Ta = 25
°C
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current (
Ι )
IC/IB
= 50
20
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com