Electronic Components Datasheet Search
  English  ▼

X  

405CH Datasheet(PDF) 1 Page - saftbatteries

Part # 405CH
Description  Nickel-Cadmium Aircraft Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

405CH Datasheet(HTML) 1 Page - saftbatteries

  405CH Datasheet HTML 1Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Saft
12, rue Sadi Carnot
93170 Bagnolet - France
Tel: +33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 56
Saft America, Inc.
711, Industrial Blvd
Valdosta
Georgia, 31601 - USA
Tel: +1 (229) 247 2331
Fax: +1 (229) 247 8486
www.saftbatteries.com
Electrical characteristics
Nominal voltage
24 volts
Nominal capacity
40 Ah at 1 hour rate
Recommended constant charging voltage
28.5 volts
Dimensions
Length
269 mm / 10.6 in
Width
300 mm / 11.8 in
Height
262 mm / 10.3 in
Weight
34.8 kg / 76.7 lbs
ULM® Ultra Low Maintenance
405CH
Doc. n° 22042-2-0311
March 2011
Data in this document is subject to change with-
out notice and become contractual only after
written confirmation by Saft. Proprietary infor-
mation. Any duplication or reproduction without
authorization of Saft is strictly prohibited.
Nickel-Cadmium Aircraft Battery
Saft is a leader in providing completely
reliable low maintenance, low life-cost
Ni-Cd batteries for commercial, busi-
ness and military aircraft operation, with
guaranteed service.
ULM® batteries are the latest genera-
tion offering lower life cost by extend-
ing the duration of maintenance free
operations. They match dimensions of
standard products in form, fit and func-
tion thereby providing an easy retrofit
solution.
Key features of ULM®
• Superior power and energy
• Extended battery service life
• High power in low temperatures
• Leak proof thermo-welded cells
• Seam-welded plate tabs
• Nickel-plated copper cell links and ter-
minals
Key benefits of ULM®
• Lower life-cycle costs through extend-
ed life
• Longer maintenance free periods
• Withstands punishing electrical and
physical abuse
• Unmatched reliability
Applications
Fixed wing aircraft
Airbus A330
Airbus A340-300
Caution: before installing the battery on-
board the aircraft, the Battery Charger
Limiter (BCL) must have been retrofitted to
the BCL 8 version.
269 mm max
300 mm max
fiches produit.indb 17
fiches produit.indb 17
16/08/2011 15:09:41
16/08/2011 15:09:41


Similar Part No. - 405CH

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
405C ATC-405C Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E1K ATC-405C100E1K Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E1X ATC-405C100E1X Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E2K ATC-405C100E2K Datasheet
452Kb / 3P
Timer with Instantaneous Relay
405C100E2X ATC-405C100E2X Datasheet
452Kb / 3P
Timer with Instantaneous Relay
More results

Similar Description - 405CH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
List of Unclassifed Man...
T-AA800 ETC-T-AA800 Datasheet
33Kb / 1P
NICKEL CADMIUM
logo
Galaxy Power, Inc.
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Panasonic Semiconductor
P-11AAH PANASONIC-P-11AAH Datasheet
22Kb / 1P
NICKEL CADMIUM BATTERIES
logo
saftbatteries
505CH SAFT-505CH Datasheet
123Kb / 1P
Nickel-Cadmium Aircraft Battery
505CH2 SAFT-505CH2 Datasheet
176Kb / 1P
Nickel-Cadmium Aircraft Battery
539CH1 SAFT-539CH1 Datasheet
127Kb / 1P
Nickel-Cadmium Aircraft Battery
2726CH1 SAFT-2726CH1 Datasheet
332Kb / 1P
Nickel-Cadmium Aircraft Battery
logo
STMicroelectronics
AN417 STMICROELECTRONICS-AN417 Datasheet
306Kb / 21P
From nickel-cadmium to nickel-hydride fast battery charger
02-Nov-2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com