Electronic Components Datasheet Search
  English  ▼

X  

AD7837 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7837
Description  LC MOS Complete, Dual 12-Bit MDACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7837 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7837 Datasheet HTML 4Page - Analog Devices AD7837 Datasheet HTML 5Page - Analog Devices AD7837 Datasheet HTML 6Page - Analog Devices AD7837 Datasheet HTML 7Page - Analog Devices AD7837 Datasheet HTML 8Page - Analog Devices AD7837 Datasheet HTML 9Page - Analog Devices AD7837 Datasheet HTML 10Page - Analog Devices AD7837 Datasheet HTML 11Page - Analog Devices AD7837 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7837/AD7847
REV. C
–10–
DIGITAL INPUT CODE NA
0.6
1
4095
3584
3072
2560
2048
1536
1024
512
0.5
0.4
0.3
0.2
0.1
0.0
Figure 19. Power Variation for Circuit in Figure 9
APPLYING THE AD7837/AD7847
General Ground Management
AC or transient voltages between the analog and digital grounds
i.e., between AGNDA/AGNDB and DGND can cause noise
injection into the analog output. The best method of ensuring
that both AGNDs and DGND are equal is to connect them
together at the AD7837/AD7847 on the circuit board. In more
complex systems where the AGND and DGND intertie is on the
backplane, it is recommended that two diodes be connected in
inverse parallel between the AGND and DGND pins (1N914 or
equivalent).
Power Supply Decoupling
In order to minimize noise it is recommended that the VDD and
the VSS lines on the AD7837/AD7847 be decoupled to DGND
using a 10
µF in parallel with a 0.1 µF ceramic capacitor.
Operation with Reduced Power Supply Voltages
The AD7837/AD7847 is specified for operation with VDD/VSS =
±15 V ± 5%. The part may be operated down to VDD/VSS =
± 10 V without significant linearity degradation. See typical
performance graphs. The output amplifier however requires
approximately 3 V of headroom so the VREF input should not
approach within 3 V of either power supply voltages in order to
maintain accuracy.
MICROPROCESSOR INTERFACING–AD7847
Figures 20 to 22 show interfaces between the AD7847 and three
popular 16-bit microprocessor systems, the 8086, MC68000 and
the TMS320C10. In all interfaces, the AD7847 is memory-
mapped with a separate memory address for each DAC latch.
AD7847–8086 Interface
Figure 20 shows an interface between the AD7847 and the 8086
microprocessor. A single MOV instruction loads the 12-bit word
into the selected DAC latch and the output responds on the ris-
ing edge of
WR.
ANALOG PANNING CIRCUIT
In audio applications it is often necessary to digitally “pan” or
split a single signal source into a two-channel signal while main-
taining the total power delivered to both channels constant. This
may be done very simply by feeding the signal into the VREF
input of both DACs. The digital codes are chosen such that the
code applied to DAC B is the two's complement of that applied
to DAC A. In this way the signal may be panned between both
channels as the digital code is changed. The total power varia-
tion with this arrangement is 3 dB.
For applications which require more precise power control the
circuit shown in Figure 18 may be used. This circuit requires
the AD7837/AD7847, an AD712 dual op amp and eight equal
value resistors.
Again both channels are driven with two's complementary data.
The maximum power variation using this circuit is only 0.5 dBs.
VOUTA
VREFA
VIN
RLB
AD7837/
AD7847
1/2
AD712
R
R
R
R
R
R
R
R
1/2
AD712
RLA
VOUTB
VOUTA
VOUTB
VREFB
Figure 18. Analog Panning Circuit
The voltage output expressions for the two channels are as
follows:
VOUTA
= –V
IN
NA
212
+ N
A


VOUT B
= –V
IN
NB
212
+ N
B


where NA = DAC A input code in decimal (1
≤ N
A
≤ 4095)
and NB = DAC B input code in decimal (1
≤ N
B
≤ 4095)
with NB = 2s complement of NA.
The two's complement relationship between NA and NB causes
NB to increase as NA decreases and vice versa.
Hence NA + NB = 4096.
With NA = 2048, then NB = 2048 also; this gives the balanced
condition where the power is split equally between both chan-
nels. The total power variation as the signal is fully panned from
Channel B to Channel A is shown in Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com