Electronic Components Datasheet Search
  English  ▼

X  

MCP9801 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP9801
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP9801 Datasheet HTML 22Page - Microchip Technology MCP9801 Datasheet HTML 23Page - Microchip Technology MCP9801 Datasheet HTML 24Page - Microchip Technology MCP9801 Datasheet HTML 25Page - Microchip Technology MCP9801 Datasheet HTML 26Page - Microchip Technology MCP9801 Datasheet HTML 27Page - Microchip Technology MCP9801 Datasheet HTML 28Page - Microchip Technology MCP9801 Datasheet HTML 29Page - Microchip Technology MCP9801 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2004 Microchip Technology Inc.
DS21909B-page 27
MCP9800/1/2/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
–X
/XX
Package
Temperature
Range
Device
Device:
MCP9800: Temperature Sensor
MCP9801: Temperature Sensor
MCP9802: Temperature Sensor
MCP9803: Temperature Sensor
A0 = Slave address set to ‘000’
A5 = Slave address set to ‘101’
Tape and Reel:
= Blank
T
= Tape and Reel
Temperature
Range:
M=
-55
°C to +125°C
Package:
OT
= Plastic Small Outline Transistor (SOT-23), 5-lead
MS
= Plastic Micro Small Outline (MSOP), 8-lead
SN
= Plastic SOIC, (150 mil Body), 8-lead
PB Free:
G
= Lead Free device
Examples:
a)
MCP9800A0T-M/OTG Slave address ‘000’,
Tape and Reel,
-55
°C to +125°C, PB
Free SOT-23 package.
b)
MCP9800A5T-M/OTG Slave address ‘101’,
Tape and Reel,
-55
°C to +125°C, PB
Free SOT-23 package.
a)
MCP9801-M/MSG
-55
°C to +125°C, PB
Free
8LD
MSOP
package.
b)
MCP9801T-M/MSG
Tape and Reel, -55
°C
to +125
°C, PB Free
8LD MSOP package.
c)
MCP9801-M/SNG
-55
°C to +125°C, PB
Free
8LD
SOIC
package.
d)
MCP9801T-M/SNG
Tape and Reel, -55
°C
to +125
°C, PB Free
8LD SOIC package.
a)
MCP9802A0T-M/OT
Slave address ‘000’,
Tape and Reel, -55
°C
to
+125
°C, SOT-23
package.
b)
MCP9802A5T-M/OT
Slave address ‘101’,
Tape and Reel, -55
°C
to
+125
°C, SOT-23
package.
a)
MCP9803-M/MSG
-55
°C to +125°C, PB
Free
8LD
MSOP
package.
b)
MCP9803T-M/MSG
Tape and Reel, -55
°C
to +125
°C, PB Free
8LD MSOP package.
c)
MCP9803-M/SNG
-55
°C to +125°C, PB
Free
8LD
SOIC
package.
d)
MCP9803T-M/SNG
Tape and Reel, -55
°C
to +125
°C, PB Free
8LD SOIC package.
XX
Slave
Address
X
Tape & Reel
X
PB Free
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com