Electronic Components Datasheet Search
  English  ▼

X  

RTD14012AP Datasheet(PDF) 3 Page - Tyco Electronics

Part # RTD14012AP
Description  General Purpose Relays PCB Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTD14012AP Datasheet(HTML) 3 Page - Tyco Electronics

  RTD14012AP Datasheet HTML 1Page - Tyco Electronics RTD14012AP Datasheet HTML 2Page - Tyco Electronics RTD14012AP Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1-AP (Continued)
Product code
Version
Contacts
Contact material
Coil
Version
Part number
RT114024AP
12A, pinning 3.5mm,
1 form C (CO)
AgNi 90/10
24VDC
standard
1-1649326-5
RT134024AP
flux proof
1 form A (NO)
3-1649326-3
RT214024AP
12A, pinning 5mm,
1 form C (CO)
1-1649327-5
RT234024AP
flux proof
1 form A (NO)
3-1649327-3
RT314012AP
16A, pinning 5mm,
1 form C (CO)
12VDC
1-1649328-3
RT314012WGAP
flux proof
contact
IEC60335-1 compliant
5-1833002-0
RT314024AP
24VDC
standard
1-1649328-5
RT314048AP
48VDC
1-1649328-6
RT334012AP
1 form A (NO)
12VDC
3-1649328-1
RT334024AP
contact
24VDC
3-1649328-3
RTD14012AP
16A, pinning 5mm,
1 form C (CO)
12VDC
1649328-4
RTD14024AP
wash tight
contact
24VDC
1649328-6
RTD34012AP
12VDC
2-1649328-2
RTH34012AP
16A, 105°C, 5mm,
1 form A (NO)
1-1649357-3
RTH34012WGAP
wash tight
contact
IEC60335-1 compliant
5-1833004-0
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RT
3
1
4
024
AP
Type
RT Power PCB Relay RT1
Version
1
12A, pinning 3.5mm, flux proof
2
12A, pinning 5mm, flux proof *)
3
16A, pinning 5mm, flux proof
B 12A, pinning 3.5mm, wash tight
D 16A, pinning 5mm, wash tight
Contact arrangement
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
AP
Standard version
WGAP Product in accordance with IEC 60335-1 (domestic appliances)
*) Wash tight version on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com