Electronic Components Datasheet Search
  English  ▼

X  

2N6286 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6286
Description  PNP DARLINGTON POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6286 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6286 Datasheet HTML 1Page - Microsemi Corporation 2N6286 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP DARLINGTON POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/505
Devices
Qualified Level
2N6286
2N6287
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N6286
2N6287
Unit
Collector-Emitter Voltage
VCEO
-80
-100
Vdc
Collector-Base Voltage
VCBO
-80
-100
Vdc
Emitter-Base Voltage
VEBO
-7.0
Vdc
Base Current
IB
-0.5
Adc
Collector Current
IC
-20
Adc
Total Power Dissipation
(1)
@ TC = +25
0C
@ TC = +100
0C
PT
175
87.5
W
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +175
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.857
0C/W
1)
Derate linearly @ 1.17 W/
0C above TC > +250C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC =-100 mAdc
2N6286
2N6287
V(BR)CEO
-80
-100
Vdc
Collector-Emitter Cutoff Current
VCE = -40 Vdc
2N6286
VCE = -50 Vdc
2N6287
ICEO
-1.0
-1.0
mAdc
Collector-Emitter Cutoff Current
VCE = -80 Vdc, VBE = 1.5 Vdc
2N6286
VCE = -100 Vdc, VBE = 1.5 Vdc
2N6287
ICEX
-0.5
-0.5
mAdc
Emitter-Base Cutoff Current
VEB = -7.0 Vdc
IEBO
-2.5
Adc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-3*
(TO-204AA)


Similar Part No. - 2N6286

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6286 MOSPEC-2N6286 Datasheet
211Kb / 4P
POWER TRANSISTORS(20A,160W)
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
214Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
Boca Semiconductor Corp...
2N6286 BOCA-2N6286 Datasheet
218Kb / 4P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6286 MICROSEMI-2N6286 Datasheet
58Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
87Kb / 8P
Darlington Complementary Silicon Power Transistors
May, 2001 ??Rev. 1
More results

Similar Description - 2N6286

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com