Electronic Components Datasheet Search
  English  ▼

X  

BMA280 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # BMA280
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA280 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button BMA280 Datasheet HTML 82Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 83Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 84Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 85Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 86Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 87Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 88Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 89Page - List of Unclassifed Manufacturers BMA280 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
BMA280
Data sheet
Page 86
BST-BMA280-DS000-09 | Revision 1.6 | May 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x33 (TRIM_NVM_CTRL)
Contains the control settings for the few-time programmable non-volatile memory (NVM).
Name
0x33
TRIM_NVM_CTRL
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
nvm_remain<3:0>
Bit
3
2
1
0
Read/Write
R/W
R
W
R/W
Reset
Value
0
n/a
0
0
Content
nvm_load
nvm_rdy
nvm_prog_trig
nvm_prog_mode
nvm_remain<3:0>:
number of remaining write cycles permitted for NVM; the number is
decremented each time a write to the NVM is triggered
nvm_load:
´1´  trigger, or ‘0’  do not trigger an update of all configuration registers
from NVM; the nvm_rdy flag must be ‘1’ prior to triggering the update
nvm_rdy:
status of NVM controller: ´0´  NVM write / NVM update operation is in
progress, ´1´  NVM is ready to accept a new write or update trigger
nvm_prog_trig:
‘1’  trigger, or ‘0’ do not trigger an NVM write operation; the trigger is
only accepted if the NVM was unlocked before and nvm_remain<3:0> is
greater than ‘0’; flag nvm_rdy must be ‘1’ prior to triggering the write cycle
nvm_prog_mode: ‘1’  unlock, or ‘0’  lock NVM write operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com