Electronic Components Datasheet Search
  English  ▼

X  

APT80GA90B Datasheet(PDF) 32 Page - Microsemi Corporation

Part # APT80GA90B
Description  Power Semiconductors Power Modules RF Power MOSFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT80GA90B Datasheet(HTML) 32 Page - Microsemi Corporation

Back Button APT80GA90B Datasheet HTML 28Page - Microsemi Corporation APT80GA90B Datasheet HTML 29Page - Microsemi Corporation APT80GA90B Datasheet HTML 30Page - Microsemi Corporation APT80GA90B Datasheet HTML 31Page - Microsemi Corporation APT80GA90B Datasheet HTML 32Page - Microsemi Corporation APT80GA90B Datasheet HTML 33Page - Microsemi Corporation APT80GA90B Datasheet HTML 34Page - Microsemi Corporation APT80GA90B Datasheet HTML 35Page - Microsemi Corporation APT80GA90B Datasheet HTML 36Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
NEW!
NEW!
NEW!
Renewable Energy Power Modules
SP1
SP3
SP3F
SP1
SP3
“CoolMOSTM” is a trademark of Infineon Technologies AG”.
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Part Number
600
COOLMOS
70
24mR
SP3F
YES
APTC60BBM24T3G
600
TRENCH 3
100
1.5
SP3F
YES
APTGT100BB60T3G
BOOST BUCK
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Part Number
600
TRENCH 3
20
1.5
SP1
-
APTGT20TL601G
30
1.5
SP3
YES
APTGT30TL60T3G
30
1.5
SP1
-
APTGT30TL601G
50
1.5
SP3
YES
APTGT50TL60T3G
50
1.5
SP1
-
APTGT50TL601G
75
1.5
SP3
YES
APTGT75TL60T3G
100
1.5
SP3
YES
APTGT100TL60T3G
150
1.5
SP6
-
APTGT150TL60G
200
1.5
SP6
-
APTGT200TL60G
300
1.5
SP6
-
APTGT300TL60G
NPT FAST
30
2.1
SP1
-
APTGF30TL601G
50
2.1
SP3
YES
APTGF50TL60T3G
1200
TRENCH 4
60
1.85
SP3
YES
APTGL60TL120T3G
240
1.8
SP6
-
APTGL240TL120G
1700
TRENCH 3
100
2.0
SP6
-
APTGT100TL170G
3-LEVEL NPC INVERTER
V
CES
(V)
Technology
R
DS (ON)
Coolmos
(m )
V
CE (on) IGBT (V)
/ I
c
(A)
Package
NTC
Part Number
600
Mix Trench IGBT
& CoolMOS
24
1.5/75
SP3
YES
APTCV60TLM24T3G
45
1.5/75
SP3
YES
APTCV60TLM45T3G
70
1.5/50
SP3
YES
APTCV60TLM70T3G
99
1.5/30
SP3
YES
APTCV60TLM99T3G
900
Mix Trench IGBT
& CoolMOS
120
1.85/50
SP3
YES
APTCV90TL12T3G
V
CES
(V)
Technology
I
C (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Special
Part Number
600/1200
TRENCH 4 FAST
40
2.05
SP3F
YES
10A/600V SiC
APTGLQ40HR120CT3G
80
2.05
SP3F
YES
30A/600V SiC
APTGLQ80HR120CT3G
200
2.05
SP6
NO
-
APTGLQ200HR120G
T-TYPE 3-LEVEL INVERTER
ber
24T3G
45T3G
70
70
777777 T3G
SP6 3-Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com