Electronic Components Datasheet Search
  English  ▼

X  

ADDAC80 Datasheet(PDF) 2 Page - Analog Devices

Part # ADDAC80
Description  Complete Low Cost 12-Bit D/A Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDAC80 Datasheet(HTML) 2 Page - Analog Devices

  ADDAC80 Datasheet HTML 1Page - Analog Devices ADDAC80 Datasheet HTML 2Page - Analog Devices ADDAC80 Datasheet HTML 3Page - Analog Devices ADDAC80 Datasheet HTML 4Page - Analog Devices ADDAC80 Datasheet HTML 5Page - Analog Devices ADDAC80 Datasheet HTML 6Page - Analog Devices ADDAC80 Datasheet HTML 7Page - Analog Devices ADDAC80 Datasheet HTML 8Page - Analog Devices ADDAC80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
ADDAC80/ADDAC85/ADDAC87–SPECIFICATIONS
ADDAC80
ADDAC85
ADDAC87
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TECHNOLOGY
Monolithic
Monolithic
Monolithic
DIGITAL INPUT
Binary–CBI
12
12
12
Bits
BCD–CCD
Digits
Logic Levels (TTL Compatible)
VIH (Logic “1”)
2.0
5.5
2.0
5.5
2.0
5.5
V
VIL (Logic “0”)
0
0.8
0
0.8
0
0.8
V
IIH (VIH = 5.5 V)
250
250
250
µA
IIL (VIL = 0.8 V)
100
100
100
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error @ 25
°C
CBI
±1/2
±1/2
±1/2
LSB
1
CCD
LSB
TA @ TMIN to TMAX
±1/4
±1/2
±1/4
±1/2
±1/2
±3/4
LSB
Differential Linearity Error @ 25
°C
CBI
±3/4
±3/4
±3/4
LSB
CCD
LSB
TA @ TMIN to TMAX
±3/4
±1
±1
LSB
Gain Error
2
±0.1
±0.3
±0.1
±0.2
±0.1
±0.2
%FSR
3
Offset Error
2
±0.05
±0.15
±0.05
±0.1
±0.05
±0.1
%FSR
3
Temperature Range for Guaranteed
Monotonicity
0
+70
–25
+85
–55
+125
°C
DRIFT (TMIN to TMAX)
Total Bipolar Drift, max (includes gain,
offset, and linearity drifts)
±20
±20
±30
ppm of FSR/
°C
Total Error (TMIN to TMAX)
4
Unipolar
±0.08 ±0.15
±0.12 ±0.2
±0.18 ±0.3
% of FSR
Bipolar
±0.06 ±0.10
±0.08 ±0.12
±0.14 ±0.24
% of FSR
Gain Including Internal Reference
±15
±30
±20
±20
ppm of FSR/
°C
Gain Excluding Internal Reference
±4
±7
±10
±10
ppm of FSR/
°C
Unipolar Offset
±1
±3
±3
±3
ppm of FSR/
°C
Bipolar Offset
±5
±10
±10
±10
ppm of FSR/
°C
CONVERSION SPEED
Voltage Model (V)
5
Settling Time to
±0.01% of FSR for
FSR Change (2 k
Ω 500 pF load)
with 10 k
Ω Feedback
3
4
3
4
3
4
µs
with 5 k
Ω Feedback
2
3
2
3
2
3
µs
For LSB Change
1
1
1
µs
Slew Rate
10
10
10
V/
µs
ANALOG OUTPUT
Voltage Models
Ranges–CBI
±2.5, ±5,
±2.5, ±5,
±2.5, ±5,
V
±10, +5,
±10, +5,
±10, +5,
V
10
10
10
V
–CCD
V
Output Current
±5
±5
±5mA
Output Impedance (dc)
0.05
0.05
0.05
Ω
Short Circuit Current
40
40
40
mA
Internal Reference Voltage (VR)
6.23
6.3
6.37
6.23
6.3
6.37
6.23
6.3
6.37
V
Output Impedance
1.5
1.5
1.5
Ω
Max External Current
6
2.5
2.5
2.5
mA
Tempco of Drift
±10
±20
±10
±20
±10
ppm of VR/
°C
POWER SUPPLY SENSITIVITY
±15 V ± 10%, 5 V supply when applicable
0.002
0.002
0.002
% of FSR/%VS
±12 V ± 5%
0.002
0.002
0.002
% of FSR/%VS
POWER SUPPLY REQUIREMENTS
Rated Voltages
±15
±15
±15
V
Range
Analog Supplies
±11.47
±16.5
±11.47
±16.5
±11.47
±16.5
V
Logic Supplies
V
Supply Drain
+12 V, +15 V
5
10
5
10
5
10
mA
–12 V, –15 V
14
20
14
20
14
20
mA
(TA = 25 C, rated power supplies
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com