Electronic Components Datasheet Search
  English  ▼

X  

GAL22V10D-25LS Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL22V10D-25LS
Description  All Devices Discontinued
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25LS Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL22V10D-25LS Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Specifications GAL22V10
9
tpd
A
Input or I/O to Comb. Output
1
10
3
15
3
20
3
25
ns
tco
A
Clock to Output Delay
1
7
2
8
2
10
2
15
ns
tcf2
—
Clock to Feedback Delay
—
2.5
—
2.5
—
8
—
13
ns
tsu
—
Setup Time, Input or Fdbk before Clk↑
6
—
10
—
12
—
15
—
ns
th
—
Hold Time, Input or Fdbk after Clk↑
0—
0—
0
—
0
—
ns
A
Maximum Clock Frequency with
83.3
—
55.5
—
41.6
—
33.3
—
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
110
—
80
—
45.4
—
35.7
—
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
125
—
83.3
—
50
—
38.5
—
MHz
No Feedback
twh
—
Clock Pulse Duration, High
4
—
6
—
10
—
13
—
ns
twl
—
Clock Pulse Duration, Low
4
—
6
—
10
—
13
—
ns
ten
B
Input or I/O to Output Enabled
1
10
3
15
3
20
3
25
ns
tdis
C
Input or I/O to Output Disabled
1
9
3
15
3
20
3
25
ns
tar
A
Input or I/O to Asynch. Reset of Reg.
1
13
3
20
3
25
3
25
ns
tarw
—
Asynch. Reset Pulse Duration
8
—
15
—
20
—
25
—
ns
tarr
—
Asynch. Reset to Clk↑ Recovery Time
8
—
10
—
20
—
25
—
ns
tspr
—
Synch. Preset to Clk↑ Recovery Time
8
—
10
—
14
—
15
—
ns
Specifications GAL22V10D
-10
MIN. MAX.
-25
MIN. MAX.
-20
MIN. MAX.
-15
MIN. MAX.
Over Recommended Operating Conditions
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
PARAM.
TEST
COND.1
DESCRIPTION
COM / IND
IND
COM / IND
COM / IND
Capacitance (T
A = 25
°C, f = 1.0 MHz)
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com