Electronic Components Datasheet Search
  English  ▼

X  

MP24183 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP24183
Description  1A, 55V, Programmable Frequency White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24183 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP24183 Datasheet HTML 1Page - Monolithic Power Systems MP24183 Datasheet HTML 2Page - Monolithic Power Systems MP24183 Datasheet HTML 3Page - Monolithic Power Systems MP24183 Datasheet HTML 4Page - Monolithic Power Systems MP24183 Datasheet HTML 5Page - Monolithic Power Systems MP24183 Datasheet HTML 6Page - Monolithic Power Systems MP24183 Datasheet HTML 7Page - Monolithic Power Systems MP24183 Datasheet HTML 8Page - Monolithic Power Systems MP24183 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP24183 – 1A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24183 Rev. 1.0
www.MonolithicPower.com
5
8/28/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=20V, ILED=0.7A, two 3W LED in series, step down application, unless otherwise noted.
WLED current
vs Dimming Duty
0
100
200
300
400
500
600
700
800
0
0.2 0.4
0.6 0.8
1
1.2
DIMMING DUTY
WLED Current vs VEN
-100
0
100
200
300
400
500
600
700
800
0
400
800
1200
1600
VEN(mV)
Efficiency
0
10
20
30
40
50
60
70
80
90
100
010
20
30
40
50
60
INPUT VOLTAGE(V)
3WLED, 710mA
1WLED, 710mA
2WLED, 710mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com