Electronic Components Datasheet Search
  English  ▼

X  

MP26023 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP26023
Description  28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26023 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP26023 Datasheet HTML 1Page - Monolithic Power Systems MP26023 Datasheet HTML 2Page - Monolithic Power Systems MP26023 Datasheet HTML 3Page - Monolithic Power Systems MP26023 Datasheet HTML 4Page - Monolithic Power Systems MP26023 Datasheet HTML 5Page - Monolithic Power Systems MP26023 Datasheet HTML 6Page - Monolithic Power Systems MP26023 Datasheet HTML 7Page - Monolithic Power Systems MP26023 Datasheet HTML 8Page - Monolithic Power Systems MP26023 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP26023 – 28V, 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP26023 Rev.0.9
www.MonolithicPower.com
3
12/14/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, VEN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
EN
= High
40
Supply Current
ISUPPLY
EN
= Low, ICHG = 0A
500
µA
Battery Voltage Regulation
VBATT
TA = –5°C to +75°C, IBATT = 0
4.158
4.20
4.242
V
Battery Over-Voltage
Protection
IBATT_OVP VBATT = 4.25V
0
µA
Constant Current Regulation
ICHG
VIN = 5V, VBATT = 3.8V
RCHG = 3.3kΩ
450
515
580
mA
Constant Current Variation
VIN = 5V, VBATT = 3.8V,
TJ = 0°C to +120°C,
RCHG = 1.6 kΩ to 8.0 kΩ
87
100
113
%ICHG
(5)
Trickle Current
VIN = 5V, VBATT = 2.3V
5
10
15
%ICHG
(5)
Trickle Threshold Voltage
2.85
3.0
3.15
V
Trickle Voltage Hysteresis
230
mV
Battery Full Programming
Range
IBF
Refer to Operation section for
programming IBF
10
50
%ICHG
(5)
IBF Accuracy
75
125
%IBF
(6)
SS Pin Voltage
CSS = 0.1uF, VBATT = 3.6V
1.19
1.23
1.27
V
Input ACOK Up Range
5.8
6.0
6.2
V
Input
ACOK Low Range
1.8
2.5
3.2
V
Input Over Voltage Protection
OVP
VIN Rising
5.8
6.0
6.2
V
OVP Hysteresis
400
mV
EN
Trip Threshold High
2.7
V
EN
Trip Threshold Low
0.4
V
CHG
, ACOK Sink Current
Pin Voltage = 0.4V
8
mA
Battery Reverse Current to
BATT Pin
EN
= Low and Input =
Floating or 0V
1
µA
Switch-On Resistance
RON
VBATT = 3.8V, IBATT = 300mA,
RCHG = 1.7kΩ
0.35
Ω
Soft Thermal Shutdown
Threshold
105
120
135
°C
Soft Thermal Shutdown
Hysteresis
10
°C
Soft-Start Time
From trickle to 90% of full
current, CSS = 0.1µF
10
20
35
ms
Notes:
5) ICHG is the target preprogrammed charge current (Die temperature below 110°C).
6) IBF is the target preprogrammed battery full current threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com