Electronic Components Datasheet Search
  English  ▼

X  

MP26053 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26053
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26053 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26053 Datasheet HTML 1Page - Monolithic Power Systems MP26053 Datasheet HTML 2Page - Monolithic Power Systems MP26053 Datasheet HTML 3Page - Monolithic Power Systems MP26053 Datasheet HTML 4Page - Monolithic Power Systems MP26053 Datasheet HTML 5Page - Monolithic Power Systems MP26053 Datasheet HTML 6Page - Monolithic Power Systems MP26053 Datasheet HTML 7Page - Monolithic Power Systems MP26053 Datasheet HTML 8Page - Monolithic Power Systems MP26053 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP26053
28V, 1A Li-Ion/Li-Polymer Battery Charger
With 10% Battery-Full Threshold,
Trickle Charge and Timer
MP26053 Rev. 0.9
www.MonolithicPower.com
1
8/25/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP26053 is a linear, high-performance
single cell Li-Ion/Li-Polymer battery charger. By
integrating high voltage input protection into the
charger IC, the MP26053 can tolerate an input
surge up to +28V. In addition, the MP26053
features an internally programmed precision
battery full-threshold of 10% of ICHG.
The device features constant current (CC) and
constant voltage (CV) charging modes with
programmable charge currents (200mA to 1A),
current blocking, and trickle charge. The device
also
provides
fault
and
charge
status
indications to the system.
For guaranteed safe operation, the MP26053
reduces charge current when the device
reaches high temperature (due to limited PCB
space). Other safety features include battery
temperature monitoring and programmable
timer to complete the charging cycle.
The MP26053 is available in 10-pin 3mm x
3mm QFN packages.
FEATURES
• Proprietary VIN Surge Protection up to 28V
• 10% Battery-Full Threshold
• Programmable Charge Current :
200mA to 1.0A
• Trickle Charge
• 40µA Shutdown Current
• 7V Input OVP
• Auto Recharge
• Charge-Timer
• Fault and Charge Status Indicators
APPLICATIONS
• Cell Phones
• Digital Cameras
• Smart Phones
• PDAs
• MP3 Players
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP26053
BATT
ISET
TMR
SS
GND
10
8
9
7
5
IN
CHG
ACOK
SHDN
NTC
1
2
3
4
6
To system
IBATT
VBATT
3.5V - 6.5V
OFF
ON
VIN
CSS


Similar Part No. - MP26053

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
MP26056DQ MPS-MP26056DQ Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
MP26057DQ MPS-MP26057DQ Datasheet
562Kb / 11P
28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
More results

Similar Description - MP26053

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 30P
Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26121 MPS-MP26121 Datasheet
775Kb / 11P
28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com