Electronic Components Datasheet Search
  English  ▼

X  

APT15GT120BRG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APT15GT120BRG
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15GT120BRG Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button APT15GT120BRG Datasheet HTML 2Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 3Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 4Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 5Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 6Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 7Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 8Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 9Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
Power MOS 8TM MOSFETs / FREDFETs
(fast body diode)
TM
Features
Applications
Power MOS 8™ is Microsemi's latest family of high speed, high voltage (500-1200V)
N-channel switch-mode power transistors with lower EMI characteristics and lower cost
compared to previous generation devices. These new MOSFETs / FREDFETs have been
optimized for both hard and soft switching in high frequency, high voltage applications rated
above 500W. There are 2 product types in the Power MOS 8™ MOSFET family:
1)
MOSFET
2)
FREDFETs have a fast recovery body diode characteristic, providing high commutation dv/dt
ruggedness and high reliability in ZVS circuits.
Quiet Switching
The new Power MOS 8™ series is a result of extensive research into quiet switching. Input and reverse transfer capaci-
tance values as well as their ratio were set at specific values to achieve quiet switching with minimal switching loss. The
Power MOS 8™ series of devices are inherently quiet switching, stable when connected in parallel, very efficient, and
lower cost than previous generations.
Body Diode Options
As with previous generation products, Power MOS 8™ MOSFETs and FREDFETs are available in all voltage ratings. A
FREDFET is a MOSFET with a faster recovery intrinsic body diode. This results in improved reliability in ZVS circuits due
to shorter minority carrier lifetime and increased commutation dv/dt ruggedness. If a fast recovery body diode is not
needed, MOSFET versions are available.
2.5
35
16
10
APT33GF120B2RDQ2G
T-MAX®
1200
2.5
64
33
17
APT50GF120JRDQ3
ISOTOP®
2.5
80
42
20
APT60GF120JRDQ3
ISOTOP®
2.8
50
23
16
APT50GS60BRDLG
TO-247
2.8
30
14
9
APT30GS60BRDLG
TO-247
600
2.2
50
41
31
APT50GP60LDL
TO-264
2.2
45
28
22
APT30GP60B2DL
T-MAX® or TO-264
2.2
25
17
14
APT15GP60BDL
TO-247
1200
3.2
50
28
17
APT50GT120B2RDL
T-MAX®
3.2
100
40
21
APT100GT120JRDL
ISOTOP®
BV
CES
V
CE(ON)
I
C2
Maximum I
C
Package
Volts
Typ 25OC
100oC
at Frequency
Part Number
Style
15 kHz
30 kHz
Combi (IGBT & "DQ" FRED)
50 kHz
80 kHz
Combi (IGBT & "DL" FRED)
20 kHz
40 kHz
FAST
Insulated Gate Bipolar Transistors (IGBTs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com