Electronic Components Datasheet Search
  English  ▼

X  

MP28115 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28115
Description  4A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28115 Datasheet HTML 1Page - Monolithic Power Systems MP28115 Datasheet HTML 2Page - Monolithic Power Systems MP28115 Datasheet HTML 3Page - Monolithic Power Systems MP28115 Datasheet HTML 4Page - Monolithic Power Systems MP28115 Datasheet HTML 5Page - Monolithic Power Systems MP28115 Datasheet HTML 6Page - Monolithic Power Systems MP28115 Datasheet HTML 7Page - Monolithic Power Systems MP28115 Datasheet HTML 8Page - Monolithic Power Systems MP28115 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP28115 – 4A, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28115 Rev. 0.92
www.MonolithicPower.com
4
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VO = 1.8V, L1 = 10µH, C2 = 47µF, TA = +25°C, unless otherwise noted.
No Load
Half Load
Steady State Operation
Steady State Operation
Full Load
Steady State Operation
No Load
Start-up through Enable
Full Load
Start-up through Enable
1A-4A Step Resistive Load
Load Transient
400ns/div.
400ns/div.
400ns/div.
VOUT
10mV/div.
VSW
5V/div.
VOUT
10mV/div.
VSW
5V/div.
IINDUCTOR
1A/div.
IINDUCTOR
1A/div.
VOUT
10mV/div.
VOUT
200mV/div.
VSW
5V/div.
IINDUCTOR
1A/div.
VOUT
1V/div.
VPOK
2V/div.
VEN
2V/div.
VOUT
1V/div.
VPOK
2V/div.
VEN
2V/div.
IINDUCTOR
1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com