Electronic Components Datasheet Search
  English  ▼

X  

MP28252EL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP28252EL
Description  High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28252EL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP28252EL Datasheet HTML 6Page - Monolithic Power Systems MP28252EL Datasheet HTML 7Page - Monolithic Power Systems MP28252EL Datasheet HTML 8Page - Monolithic Power Systems MP28252EL Datasheet HTML 9Page - Monolithic Power Systems MP28252EL Datasheet HTML 10Page - Monolithic Power Systems MP28252EL Datasheet HTML 11Page - Monolithic Power Systems MP28252EL Datasheet HTML 12Page - Monolithic Power Systems MP28252EL Datasheet HTML 13Page - Monolithic Power Systems MP28252EL Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP28252 – SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28252 Rev. 1.1
www.MonolithicPower.com
13
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode is:
Duty cycle is high: D=
IN
OUT
V
V
>65%
In this case, an external BST diode is
recommended from the VCC pin to BST pin, as
shown in Figure 8
MP28252
SW
BST
C
L
BST
C
5V or 3.3V
OUT
External BST Diode
IN4148
+
Figure 8—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com