Electronic Components Datasheet Search
  English  ▼

X  

MP28254 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28254
Description  High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28254 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28254 Datasheet HTML 1Page - Monolithic Power Systems MP28254 Datasheet HTML 2Page - Monolithic Power Systems MP28254 Datasheet HTML 3Page - Monolithic Power Systems MP28254 Datasheet HTML 4Page - Monolithic Power Systems MP28254 Datasheet HTML 5Page - Monolithic Power Systems MP28254 Datasheet HTML 6Page - Monolithic Power Systems MP28254 Datasheet HTML 7Page - Monolithic Power Systems MP28254 Datasheet HTML 8Page - Monolithic Power Systems MP28254 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP28254 – SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28254 Rev. 1.01
www.MonolithicPower.com
5
5/15/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, L = 1.8µH, TA = +25ºC, unless otherwise noted.
VCC Regulator Line Regulation
Load Regulation
Line Regulation
Operating Range
Peak Current vs. Duty Cycle
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
500
550
600
650
700
750
800
850
900
950
1000
0
5
10
15
20
25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
25
3.5
4
4.5
5
5.5
6
0
5
10
15
20
25
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
0 102030405060708090 100
DUTY CYCLE (% )
0.1
1
10
100
0
5
10
15
20
25
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
01234
LOAD CURRENT(A)
OUTPUT CURRENT(A)
VIN=4.5V
VIN=12V
VIN=21V
-2
-1
0
1
2
0
5
10
15
20
25
Case Temperature vs.
Output Current
0
5
10
15
20
25
01
23
45
ENABLED SUPPLY CURRENT
vs. INPUT VOLTAGE
VFB=1V
DISABLED SUPPLY CURRENT
vs. INPUT VOLTAGE
VEN=0V
Dmax Limit
Minimum on time Limit
IOUT=0A
IOUT=2A
IOUT=4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com