Electronic Components Datasheet Search
  English  ▼

X  

AD581TH1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD581TH1
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581TH1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD581TH1 Datasheet HTML 4Page - Analog Devices AD581TH1 Datasheet HTML 5Page - Analog Devices AD581TH1 Datasheet HTML 6Page - Analog Devices AD581TH1 Datasheet HTML 7Page - Analog Devices AD581TH1 Datasheet HTML 8Page - Analog Devices AD581TH1 Datasheet HTML 9Page - Analog Devices AD581TH1 Datasheet HTML 10Page - Analog Devices AD581TH1 Datasheet HTML 11Page - Analog Devices AD581TH1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD581
Rev. C | Page 8 of 12
PRECISION HIGH CURRENT SUPPLY
CONNECTION FOR REDUCED PRIMARY SUPPLY
The AD581 can be easily connected with power pnp or power
Darlington pnp devices to provide much greater output current
capability. The circuit shown in Figure 10 delivers a precision
10 V output with up to 4 A supplied to the load. The 0.1 μF
capacitor is required only if the load has a significant capacitive
component. If the load is purely resistive, improved high frequency
supply rejection results from removing the capacitor.
Whereas line regulation is specified down to 13 V, the typical
AD581 works as specified ≤12 V. The current sink capability
allows even lower supply voltage capability such as operation
from 12 V ±5% as shown in Figure 11. The 560 Ω resistor reduces
the current supplied by the AD581 to a manageable level at a
full 5 mA load. Note that the other band gap references, without
current sink capability, may be damaged by use in this circuit
configuration.
AD581
VIN ≥ 15V
470
Ω
0.1µF
+VS
VOUT
GND
2N6040
VOUT
10V @ 4A
AD581
GND
+VS
VOUT
12V ±5%
10V @ 0mA TO 5mA
560
Ω 5%
Figure 11. 12 V Supply Connection
Figure 10. High Current Precision Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com