Electronic Components Datasheet Search
  English  ▼

X  

MP28255 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28255
Description  21V, 4A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28255 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28255 Datasheet HTML 1Page - Monolithic Power Systems MP28255 Datasheet HTML 2Page - Monolithic Power Systems MP28255 Datasheet HTML 3Page - Monolithic Power Systems MP28255 Datasheet HTML 4Page - Monolithic Power Systems MP28255 Datasheet HTML 5Page - Monolithic Power Systems MP28255 Datasheet HTML 6Page - Monolithic Power Systems MP28255 Datasheet HTML 7Page - Monolithic Power Systems MP28255 Datasheet HTML 8Page - Monolithic Power Systems MP28255 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP28255
21V, 4A, 500kHz
Synchronous Step-down Converter
MP28255 Rev. 1.01
www.MonolithicPower.com
1
3/11/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28255 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 4A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP28255 operates at high efficiency over a
wide output current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and thermal
shut down.
The MP28255 requires a minimum number of
readily available standard external components
and is available in a space saving 3mm x 4mm
14-pin QFN package.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 4A Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• Fixed 500kHz Switching Frequency
• External Soft-Start
• Sync from 300kHz to 2MHz External Clock
• Internal Compensation
• Integrated Bootstrap Diode
• Over-Current Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in 14-pin QFN3x4 Package
APPLICATIONS
•
Networking Systems
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
The information in this datasheet about the product and its associated
technologies are proprietary and intellectual property of Monolithic Power
Systems and are protected by copyright and pending patent applications
TYPICAL APPLICATION
C1
22uF
MP28255
SW
SS
GND
AGND
FB
EN/SYNC
IN
BST
VCC
PG
PG
C4
0.1uF
C5
47nF
R2
10K
Rt
24K
1.2V/4A
R1
4.99K
R3
100K
L1
2uH
C2
47uF
C3
0.1uF
VIN
ON/OFF
8
10
6
2,3,4,5
1
11
9
7
12,13
4.5V-21V
14


Similar Part No. - MP28255

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28251GD MPS-MP28251GD Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28252EL MPS-MP28252EL Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP28255

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com