Electronic Components Datasheet Search
  English  ▼

X  

MP28255EL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28255EL
Description  21V, 4A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28255EL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28255EL Datasheet HTML 1Page - Monolithic Power Systems MP28255EL Datasheet HTML 2Page - Monolithic Power Systems MP28255EL Datasheet HTML 3Page - Monolithic Power Systems MP28255EL Datasheet HTML 4Page - Monolithic Power Systems MP28255EL Datasheet HTML 5Page - Monolithic Power Systems MP28255EL Datasheet HTML 6Page - Monolithic Power Systems MP28255EL Datasheet HTML 7Page - Monolithic Power Systems MP28255EL Datasheet HTML 8Page - Monolithic Power Systems MP28255EL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP28255 – 4A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28255 Rev. 1.01
www.MonolithicPower.com
5
3/11/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, L=1.8uH, TA = +25ºC, unless otherwise noted.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Load Regulation
INPUT VOLTAGE (V)
Enabled Supply Current vs.
Input Voltage
Operating Range
Vcc Regulator Line Regulation
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
500
550
600
650
700
750
800
850
900
950
1000
DUTY CYCLE (%)
Line Regulation
OUTPUT CURRENT (A)
INPUT VOLTAGE (V)
Case Temperature Rise vs.
Output Current
INPUT CURRENT (V)
OUTPUT CURRENT (A)
0
5
10
15
20
25
VFB=1V
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
25
Disabled Supply Current vs.
Input Voltage
0
5
10
15
20
25
0.1
1
10
100
0
5
10
15
20
25
01234
VIN=12V
VIN=4.5V
VIN=21V
0
5
10
15
20
25
0
5
10
15
20
25
01
2
3
4
5
VEN=0V
3.5
4
4.5
5
5.5
6
0
2
4
6
8
0
20
40
60
80
100
Current Limit vs. Duty Cycle
Minimum on time Limit
DmaxLimit
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
IO=0A
IO=2A
IO=4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com