Electronic Components Datasheet Search
  English  ▼

X  

MP28256EL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP28256EL
Description  21V, 3A 500kHz Synchronous Step-Down Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28256EL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP28256EL Datasheet HTML 3Page - Monolithic Power Systems MP28256EL Datasheet HTML 4Page - Monolithic Power Systems MP28256EL Datasheet HTML 5Page - Monolithic Power Systems MP28256EL Datasheet HTML 6Page - Monolithic Power Systems MP28256EL Datasheet HTML 7Page - Monolithic Power Systems MP28256EL Datasheet HTML 8Page - Monolithic Power Systems MP28256EL Datasheet HTML 9Page - Monolithic Power Systems MP28256EL Datasheet HTML 10Page - Monolithic Power Systems MP28256EL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP28256 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28256 Rev. 1.0
www.MonolithicPower.com
7
11/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN14
(3x4mm)
Pin #
Name
Description
1
IN
Supply Voltage. The MP28256 operates from a +4.5V to +21V input rail. C1 is
needed to decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
2,3,4,5
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
6
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
7
SYNC
This pin serves as frequency synchronous clock input.
8
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. To prevent current limit run away during a short circuit fault
condition the frequency fold-back comparator lowers the oscillator frequency when
the FB voltage is below 100mV.
9
EN
EN=1 to enable the MP28256. For automatic start-up, connect EN pin to VIN with
100kHz resistor. There is an internal 1mΩ pull-down resistor at EN pin.
10
SS
Soft Start. Connect an external capacitor to program the soft start time for the switch
mode regulator.
11
VCC
Bias Supply. Decouple with 0.1μF~0.22μF cap. And the capacitance should be no
more than 0.22μF.
12,13
GND
System Ground. This pin is the reference ground of the regulated output voltage. For
this reason care must be taken in PCB layout.
14
AGND
Signal Ground. AGND is not internally connected to System Ground, make sure
AGND connected to system Ground in PCB layout.
Exposed Pad
No Internal Connection. It is recommended to connect exposed pad to GND plane for
optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com